データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS39100 データシート(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS39100
部品情報  1A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100 データシート(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39100_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS39100_07 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS39100/1/2/3/4/5
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
11/13
Version: B07
SOT-223 Mechanical Drawing
Marking Diagram
XX = Output Voltage
(12=1.24V, 15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071


同様の部品番号 - TS39100_07

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
   1A Ultra Low Dropout Voltage Regulator
More results

同様の説明 - TS39100_07

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS39103 TSC-TS39103 Datasheet
425Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39101 TSC-TS39101 Datasheet
568Kb / 9P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com