データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACTQ08 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74ACTQ08
部品情報  Quiet Series??Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ08 データシート(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ08_07 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ08_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ08_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ08_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ08_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ08_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ08_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ08_07 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ08 Rev. 1.3
5
FACT Noise Characteristics
The setup of a noise characteristics measurement is
critical to the accuracy and repeatability of the tests. The
following is a brief description of the setup used to
measure the noise characteristics of FACT.
Equipment:
Hewlett Packard Model 8180A Word Generator
PC-163A Test Fixture
Tektronics Model 7854 Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50pF,
500
Ω.
2. Deskew the HFS generator so that no two channels
have greater than 150ps skew between them. This
requires that the oscilloscope be deskewed first. It is
important to deskew the HFS generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper
loading of the outputs and that the input levels are at
the correct voltage.
4. Set the HFS generator to toggle all but one output at
a frequency of 1MHz. Greater frequencies will
increase DUT heating and effect the results of the
measurement.
Notes:
7. VOHV and VOLP are measured with respect to ground
reference.
8. Input pulses have the following characteristics:
f
= 1MHz, tr = 3ns, tf = 3ns, skew < 150ps.
Figure 1. Quiet Output Noise Voltage Waveforms
5. Set the HFS generator input levels at 0V LOW and
3V HIGH for ACT devices and 0V LOW and 5V HIGH
for AC devices. Verify levels with an oscilloscope.
VOLP/VOLV and VOHP/VOHV:
Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually
be the furthest from the ground pin. Monitor the output
voltages using a 50
Ω coaxial cable plugged into a
standard SMB type connector on the test fixture. Do
not use an active FET probe.
Measure VOLP and VOLV on the quiet output during
worst case transition for active and enable. Measure
VOHP and VOHV on the quiet output during the worst
case active and enable transition.
Verify that the GND reference recorded on the
oscilloscope has not drifted to ensure the accuracy
and repeatability of the measurements.
VILD and VIHD:
Monitor one of the switching outputs using a 50
coaxial cable plugged into a standard SMB type
connector on the test fixture. Do not use an active
FET probe.
First increase the input LOW voltage level, VIL, until
the output begins to oscillator steps out a min of 2ns.
Oscillation is defined as noise on the output LOW
level that exceeds VIL limits, or on output HIGH levels
that exceed VIH limits. The input LOW voltage level at
which oscillation occurs is defined as VILD.
Next decrease the input HIGH voltage level, VIH, until
the output begins to oscillate or steps out a min of 2ns.
Oscillation is defined as noise on the output LOW
level that exceeds VIL limits, or on output HIGH levels
that exceed VIH limits. The input HIGH voltage level at
which oscillation occurs is defined as VIHD.
Verify that the GND reference recorded on the
oscilloscope has not drifted to ensure the accuracy
and repeatability of the measurements.
Figure 2. Simultaneous Switching Test Circuit


同様の部品番号 - 74ACTQ08_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACTQ08PC FAIRCHILD-74ACTQ08PC Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08SC FAIRCHILD-74ACTQ08SC Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08SJ FAIRCHILD-74ACTQ08SJ Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
More results

同様の説明 - 74ACTQ08_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
54ACTQ32QML TI1-54ACTQ32QML Datasheet
542Kb / 11P
[Old version datasheet]   54ACTQ32QML Quiet Series Quad 2-Input OR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
   LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00_99 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com