データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS61N25CXRF データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS61N25CXRF
部品情報  Voltage Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS61N25CXRF データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS61N25CXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS61N25CXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS61N25CXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS61N25CXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS61N25CXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS61N25CXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS61N25CXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS61 Series
Voltage Detector
4/7
Version: A07
Directions for use
1. Please use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or
permanent damage to the device.
2. When a resistor is connected between the VIN pin and the input CMOS output configurations, oscillation may occur
as a result of voltage drops at RIN if load current (IOUT) exists. (refer to the Oscillation Description ① below).
3. When a resisted is connected between the VIN pin and the input with CMOS output configurations, irrespective of
N-ch output configurations, oscillation may occur as a result of through current at the time of voltage release even if
load current (IOUT) does not exist. (refer to the Oscillation Description ② below)
4. In order to stabilize the IC’s operations, please ensure that VIN pin’s input frequency’s rise and fall times are more
than several µs/V.
5. Please use N-ch open drains configuration, when a resistor RIN is connected between the VIN pin and power source.
In such cases, please ensure that RIN is less than kΩ and that C is more than 0.1µF.
Diagram: Circuit using an input resistor
Oscillation Description
OUTPUT CURRENT OSCILLATION WITH THE CMOS OUTPUT CONFIGURATION
When the voltage applied at IN rises, release operations commence and the detector’s output voltage increases. Load
current (IOUT) will flow at RL. Because a voltage drop (RIN x IOUT) is produced at the RIN resistor, located between the
input (IN) and the VIN pin, the load current will flow via the IC’s VIN pin. The voltage drop will also lead to a fall in the
voltage level at the VIN pin. When the VIN pin voltage level falls below the detec voltage level, detect operations will
commence. Following detect operations, load current flow will cease and since voltage drop at RIN will disappear, the
voltage level at the VIN pin will rise and release operations will begin over again. Oscillation may occur with this
“release-detect-release” repetition. Further, this condition will also appear via means of a similar mechanism during
detect operations.
Diagram 1: Oscillation in relation to output current


同様の部品番号 - TS61N25CXRF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

同様の説明 - TS61N25CXRF

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com