データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS431ITB0 データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS431ITB0
部品情報  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ITB0 データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS431ITB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ITB0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS431I
Adjustable Precision Shunt Regulator
3/13
Version: A07
Test Circuits
Figure 1: Vka = Vref
Figure 2: Vka > Vref
Figure 3: Off-State Current
Additional Information – Stability
When The TS431I/431AI/431BI is used as a shunt regulator, there are two options for selection of CL, are recommended for optional
stability:
A) No load capacitance across the device, decouple at the load.
B) Large capacitance across the device, optional decoupling at the load.
The reason for this is that TS431I/431AI/431BI exhibits instability with capacitances in the range of 10nF to 1uF (approx.) at light
cathode current up to 3mA (typ). The device is less stable the lower the cathode voltage has been set for. Therefore while the
device will be perfectly stable operating at a cathode current of 10mA (approx.) with a 0.1uF capacitor across it, it will oscillate
transiently during start up as the cathode current passes through the instability region. Select a very low capacitance, or alternatively
a high capacitance (10uF) will avoid this issue altogether. Since the user will probably wish to have local decoupling at the load
anyway, the most cost effective method is to use no capacitance at all directly across the device. PCB trace/via resistance and
inductance prevent the local load decoupling from causing the oscillation during the transient start up phase.
Note: if the TS431I/431AI/431BI is located right at the load, so the load decoupling capacitor is directly across it, then this capacitor
will have to be ≤1nF or ≥10uF.
Applications Examples
Figure 4: Voltage Monitor
Figure 5: Output Control for Three Terminal
Fixed Regulator


同様の部品番号 - TS431ITB0

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS431I STMICROELECTRONICS-TS431I Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
TS431ILT STMICROELECTRONICS-TS431ILT Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
TS431ILT STMICROELECTRONICS-TS431ILT Datasheet
128Kb / 12P
   Low voltage adjustable shunt reference
TS431IYLT STMICROELECTRONICS-TS431IYLT Datasheet
128Kb / 12P
   Low voltage adjustable shunt reference
TS431IYLT1 STMICROELECTRONICS-TS431IYLT1 Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
More results

同様の説明 - TS431ITB0

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com