データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1117 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1117
部品情報  1A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1117_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
1/9
Version: A07
TO-220
TO-263
TO-252
SOT-223
General Description
The TS1117 Series are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, the TS1117 Series provides excellent regulation over variations
due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current,
fast transient response, internal current limiting and thermal shutdown protection of the output device. The TS1117
Series are three terminal regulators with fixed and adjustable voltage options available in popular packages.
Ordering Information
Part No.
Package
Packing
TS1117CZxx C0
TO-220
50pcs / Tube
TS1117CMxx RN
TO-263
800pcs / 13” Reel
TS1117CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS1117CWxx RP
SOT-223
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V,1.8V and 1.5V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Features
Low Dropout Performance 1.5V max.
Fill Current Rating Over Line and Temperature
Fast Transient Response
±2% Total Output Regulation Over Line, Load and
Temperature
Adjust Pin Current max 90uA Over Temperature
Line Regulation Typical 0.015%
Load Regulation Typical 0.05%
Fixed / Adjustable Output Voltage
TO-220, TO-263, TO-252 and SOT-223 Package
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Pin Definition:
1. Fixed / Adj
2. Output
3. Input
Pin 2 connect to heat sink


同様の部品番号 - TS1117_07

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
514Kb / 9P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP TSC-TS1117BCP Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP18 TSC-TS1117BCP18 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP25 TSC-TS1117BCP25 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1117_07

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com