データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1117B データシート(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1117B
部品情報  800mA Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117B データシート(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS1117B_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117B_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS1117B
800mA Low Dropout Positive Voltage Regulator
8/9
Version: A07
SOP-8 Mechanical Drawing
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


同様の部品番号 - TS1117B_07

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1117BCP TSC-TS1117BCP Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP18 TSC-TS1117BCP18 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP25 TSC-TS1117BCP25 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP33 TSC-TS1117BCP33 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCP33ROG TSC-TS1117BCP33ROG Datasheet
364Kb / 8P
   1A Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1117B_07

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com