データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1581CM5RN データシート(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1581CM5RN
部品情報  5A Dual Input LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1581CM5RN データシート(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS1581CM5RN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS1581
5A Dual Input LDO
8/9
Version: A07
TO-263-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XXX = Voltage Code
(1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CM5 = TO-263-5L)
TO-263-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.220
10.260
0.402
0.404
B
14.600
15.870
0.575
0.625
C
0.750
0.770
0.030
0.030
D
1.573
1.827
0.062
0.072
E
4.560
4.570
0.179
0.180
F
1.240
1.270
0.049
0.050
G
2.280
2.790
0.090
0.110
H
0.280
0.320
0.011
0.013
I
8.240
8.280
0.324
0.326
J
1.540
1.800
0.060
0.071


同様の部品番号 - TS1581CM5RN

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1581CM5 TSC-TS1581CM5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM52.5 TSC-TS1581CM52.5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM525 TSC-TS1581CM525 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM53.3 TSC-TS1581CM53.3 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM533 TSC-TS1581CM533 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1581CM5RN

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500_07 Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
   5A LDO VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com