データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FD868-12 データシート(PDF) 2 Page - Fuji Electric

部品番号 FD868-12
部品情報  HIGH VOLTAGE SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJI [Fuji Electric]
ホームページ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FD868-12 データシート(HTML) 2 Page - Fuji Electric

  FD868-12 Datasheet HTML 1Page - Fuji Electric FD868-12 Datasheet HTML 2Page - Fuji Electric FD868-12 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FD868-12 (4.0A)
(120V / 4.0A )
Characteristics
0.1
1
10
0.10.2
0.3
0.4
0.50.6
0.70.8
0.91.0
1.1
Tj=150
oC
Tj=125
oC
Tj=100
oC
Tj=25
oC
Forward Characteristic (typ.)
VF Forward Voltage (V)
0
204060
80
100
120
140
10
-1
10
0
10
1
10
2
10
3
10
4
Tj=150
oC
Tj=25
oC
Tj=100
oC
Tj=125
oC
Reverse Characteristic (typ.)
VR Reverse Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
DC
Square wave λ=60°
Forward Power Dissipation (max.)
IF(AV) Average Forward Current
(A)
123456789012345
123456789012345
123456789012345
123456789012345
λ
360o
IF
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Reverse Power Dissipation (max.)
α=180°
DC
VR Reverse Voltage (V)
1234
1234
1234
1234
1234
1234
1234
α
360o
VR
1234
1234
1234
1234
1234
1234
1234
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
50
60
70
80
90
100
110
120
130
140
150
160
With Glass Epoxy
P.C Board
t=0.8mm
Print land 5x5mm
Single-sided lead lenght 10mm
λ:Conduction angle of forward current for each rectifier element
Square wave λ=60°
Square wave λ=120°
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (IF(AV)-TL) (max.)
IF(av) Average Output Current (A)
123456789012345
123456789012345
123456789012345
λ
VR=60V
360o
IF
1
10
100
1000
10
100
1000
Junction Capacitance Characteristic (typ.)
VR Reverse Voltage (V)


同様の部品番号 - FD868-12

メーカー部品番号データシート部品情報
logo
Fuji Electric
FD868-15 FUJI-FD868-15 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
More results

同様の説明 - FD868-12

メーカー部品番号データシート部品情報
logo
Fuji Electric
YG861S15R FUJI-YG861S15R Datasheet
128Kb / 4P
   High Voltage Schottky barrier diode
PH868C15 FUJI-PH868C15 Datasheet
68Kb / 3P
   High Voltage Schottky barrier diode
CB863-12 FUJI-CB863-12 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
CB863-20 FUJI-CB863-20 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YA868C15R FUJI-YA868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
PH865C15 FUJI-PH865C15 Datasheet
71Kb / 3P
   High Voltage Schottky barrier diode
FD867-20 FUJI-FD867-20 Datasheet
129Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YG868C12R FUJI-YG868C12R Datasheet
56Kb / 3P
   High Voltage Schottky barrier diode
YA865C12R FUJI-YA865C12R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
TS868C12R FUJI-TS868C12R Datasheet
55Kb / 3P
   High Voltage Schottky barrier diode
YG868C15R FUJI-YG868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com