データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ157 データシート(PDF) 1 Page - STMicroelectronics

部品番号 74LVQ157
部品情報  LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ157 データシート(HTML) 1 Page - STMicroelectronics

  74LVQ157 Datasheet HTML 1Page - STMicroelectronics 74LVQ157 Datasheet HTML 2Page - STMicroelectronics 74LVQ157 Datasheet HTML 3Page - STMicroelectronics 74LVQ157 Datasheet HTML 4Page - STMicroelectronics 74LVQ157 Datasheet HTML 5Page - STMicroelectronics 74LVQ157 Datasheet HTML 6Page - STMicroelectronics 74LVQ157 Datasheet HTML 7Page - STMicroelectronics 74LVQ157 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVQ157
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
®
February 1999
ORDER CODES :
74LVQ157M
74LVQ157T
M
(Micro Package)
s
HIGH SPEED:
tPD = 5 ns (TYP.) at VCC =3.3V
s
COMPATIBLE WITH TTL OUTPUT
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
LOW NOISE:
VOLP = 0.2V (TYP.) at VCC = 3.3V
s
75
Ω TRANSMISSION LINE OUTPUT DRIVE
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V (1.2VData Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 157
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ157 is a low voltage CMOS QUAD
2-CHANNEL
MULTIPLEXER
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology. It is ideal for low
power and low noise 3.3V applications.
T
(TSSOP Package)
It has better speed performance at 3.3V than 5V
LSTTL family combined with the true CMOS low
power consumption.
It consists of four 2-input digital multiplexers with
common select and strobe inputs. When strobe
input is held high selection of data is inhibit and
all the outputs become low. The
SELECT
decoding determines whether the A or B inputs
get routed to their corresponding Y outputs.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
1/8


同様の部品番号 - 74LVQ157

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
74LVQ157MTR STMICROELECTRONICS-74LVQ157MTR Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74LVQ157SC FAIRCHILD-74LVQ157SC Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
More results

同様の説明 - 74LVQ157

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157_04 Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
74LVX157 FAIRCHILD-74LVX157 Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com