データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC610PZ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDC610PZ
部品情報  P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC610PZ データシート(HTML) 2 Page - Fairchild Semiconductor

  FDC610PZ Datasheet HTML 1Page - Fairchild Semiconductor FDC610PZ Datasheet HTML 2Page - Fairchild Semiconductor FDC610PZ Datasheet HTML 3Page - Fairchild Semiconductor FDC610PZ Datasheet HTML 4Page - Fairchild Semiconductor FDC610PZ Datasheet HTML 5Page - Fairchild Semiconductor FDC610PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDC610PZ Rev.B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = –250µA, VGS = 0V
–30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250µA, referenced to 25°C
–22
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24V, VGS = 0V
–1
µA
IGSS
Gate to Source Leakage Current
VGS = ±25V, VDS = 0V
±10
µA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = –250µA
–1
–2.2
–3
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = –250µA, referenced to 25°C
6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = –10V, ID = –4.9A
36
42
m
VGS = –4.5V, ID = –3.7A
58
75
VGS = –10V, ID = –4.9A, TJ = 125°C
50
60
gFS
Forward Transconductance
VDD = –10V, ID = –4.9A
15
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = –15V, VGS = 0V,
f = 1MHz
755
1005
pF
Coss
Output Capacitance
145
195
pF
Crss
Reverse Transfer Capacitance
125
190
pF
Rg
Gate Resistance
f = 1MHz
13
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = –15V, ID = –4.9A
VGS = –10V, RGEN = 6Ω
7
14
ns
tr
Rise Time
4
10
ns
td(off)
Turn-Off Delay Time
33
53
ns
tf
Fall Time
23
37
ns
Qg
Total Gate Charge
VGS = 0V to –10V
VDD = –15V,
ID = –4.9A
17
24
nC
Qg
Total Gate Charge
VGS = 0V to –4.5V
9
13
nC
Qgs
Gate to Source Gate Charge
2.9
nC
Qgd
Gate to Drain “Miller” Charge
4.3
nC
Drain-Source Diode Characteristics
IS
Maximum Continuous Drain-Source Diode Forward Current
–1.3
A
VSD
Source to Drain Diode Forward Voltage VGS = 0V, IS = –1.3A
(Note 2)
–0.8
–1.2
V
trr
Reverse Recovery Time
IF = –4.9A, di/dt = 100A/µs
19
35
ns
Qrr
Reverse Recovery Charge
9
18
nC
Notes:
1. RθJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
a. 78°C/W when mounted on a
1 in2 pad of 2 oz copper.
b. 156°C/W when mounted on a
minimum pad of 2 oz copper.


同様の部品番号 - FDC610PZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC60 ETC1-FDC60 Datasheet
92Kb / 2P
   60 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC60 ASTRODYNE-FDC60 Datasheet
291Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC60-12D05 ETC1-FDC60-12D05 Datasheet
92Kb / 2P
   60 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC60-12D05 ASTRODYNE-FDC60-12D05 Datasheet
291Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
FDC60-12D05 ASTRODYNE-FDC60-12D05 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
More results

同様の説明 - FDC610PZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDMA86265P FAIRCHILD-FDMA86265P Datasheet
204Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC612PZ FAIRCHILD-FDMC612PZ Datasheet
261Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDD4141 FAIRCHILD-FDD4141 Datasheet
237Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDS6679AZ FAIRCHILD-FDS6679AZ_08 Datasheet
434Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA910PZ FAIRCHILD-FDMA910PZ Datasheet
236Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com