データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ273M データシート(PDF) 4 Page - STMicroelectronics

部品番号 74LVQ273M
部品情報  OCTAL D-TYPE FLIP FLOP WITH CLEAR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ273M データシート(HTML) 4 Page - STMicroelectronics

  74LVQ273M Datasheet HTML 1Page - STMicroelectronics 74LVQ273M Datasheet HTML 2Page - STMicroelectronics 74LVQ273M Datasheet HTML 3Page - STMicroelectronics 74LVQ273M Datasheet HTML 4Page - STMicroelectronics 74LVQ273M Datasheet HTML 5Page - STMicroelectronics 74LVQ273M Datasheet HTML 6Page - STMicroelectronics 74LVQ273M Datasheet HTML 7Page - STMicroelectronics 74LVQ273M Datasheet HTML 8Page - STMicroelectronics 74LVQ273M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
VIH
High Level Input Voltage
3.0 to
3.6
2.0
2.0
V
VIL
Low Level Input Voltage
0.8
0.8
V
VOH
High Level Output
Voltage
3.0
VI
(* ) =
VIH or
VIL
IO=-50
µA
2.9
2.99
2.9
V
IO=-12 mA
2.58
2.48
IO=-24 mA
2.2
VOL
Low Level Output
Voltage
3.0
VI
(*) =
VIH or
VIL
IO=50
µA
0.002
0.1
0.1
V
IO=12 mA
0
0.36
0.44
IO=24 mA
0.55
II
Input Leakage Current
3.6
VI =VCC or GND
±0.1
±1
µA
ICC
Quiescent Supply
Current
3.6
VI =VCC or GND
4
40
µA
IOLD
Dynamic Output Current
(note 1, 2)
3.6
VOLD = 0.8 V max
36
mA
IOHD
VOHD = 2 V min
-25
mA
1) Maximum test duration 2ms, one output loaded attime
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω.
(*) All outputs loaded.
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
3.3
CL =50 pF
0.4
0.8
V
VOLV
-0.8
-0.5
VIHD
Dynamic High Voltage
Input (note 1, 3)
3.3
2
VILD
Dynamic Low Voltage
Input (note 1, 3)
3.3
0.8
1) Worst case package
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n -1) outputs switching and one output at GND
3) max number of data inputs (n) switching. (n-1) switching 0V to3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD). f=1MHz
74LVQ273
4/10


同様の部品番号 - 74LVQ273M

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ273MTR STMICROELECTRONICS-74LVQ273MTR Datasheet
313Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

同様の説明 - 74LVQ273M

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com