データシートサーチシステム |
|
MC79L15ACLP データシート(PDF) 2 Page - Texas Instruments |
|
|
MC79L15ACLP データシート(HTML) 2 Page - Texas Instruments |
2 / 13 page MC79L00 SERIES NEGATIVEVOLTAGE REGULATORS SLVS011D − OCTOBER 1982 − REVISED AUGUST 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 equivalent schematic OUTPUT INPUT COMMON absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Input voltage: MC79L05 −30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC79L12, MC79L15 −35 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 1 and 2): D package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . LP package 140 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air, case, or virtual junction temperature 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN MAX UNIT MC79L05 −7 −20 VI Input voltage MC79L12 −14.5 −27 V VI Input voltage MC79L15 −17.5 −30 V IO Output current 100 mA TJ Operating virtual junction temperature 0 125 °C |
同様の部品番号 - MC79L15ACLP |
|
同様の説明 - MC79L15ACLP |