データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9206 データシート(PDF) 4 Page - Torex Semiconductor

部品番号 XC9206
部品情報  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9206 データシート(HTML) 4 Page - Torex Semiconductor

  XC9206_1 Datasheet HTML 1Page - Torex Semiconductor XC9206_1 Datasheet HTML 2Page - Torex Semiconductor XC9206_1 Datasheet HTML 3Page - Torex Semiconductor XC9206_1 Datasheet HTML 4Page - Torex Semiconductor XC9206_1 Datasheet HTML 5Page - Torex Semiconductor XC9206_1 Datasheet HTML 6Page - Torex Semiconductor XC9206_1 Datasheet HTML 7Page - Torex Semiconductor XC9206_1 Datasheet HTML 8Page - Torex Semiconductor XC9206_1 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
XC9206/XC9207/XC9208 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNIT CIRCUIT
Output Voltage
VOUT
When connected to ext. components
CE=VIN, IOUT=30mA
1.764 1.800 1.836
V
(XC9206, 9207)
1.8
-
6.0
Operating Voltage Range
VIN
(XC9208)
2.0
-
6.0
V
Maximum Output Current
IOUTMAX
When connected to ext. components
500
-
-
mA
U.V.L.O. Voltage
VUVLO
CE=VIN, VOUT=0V,
Voltage which Lx pin voltage holding "L"
level
(*1)
1.00
1.40
1.78
V
Supply Current 1
IDD1
CE=VIN, VOUT=fixed voltage x 0.9V
-
255
413
μA
Supply Current 2
IDD2
CE=VIN, VOUT=fixed voltage x 1.1V
-
98
158
μA
Stand-by Current
ISTB
CE=VSS, VOUT=fixed voltage x 1.1V
-
0
1
μA
Oscillation Frequency
FOSC
When connected to ext. components
CE=VIN, IOUT=30mA
1.020 1.200 1.380
MHz
PFM Pulse Width Rate
PFMDTY
When connected to ext. components
(XC9207, XC9208 only), CE=VIN,
IOUT=1mA
24
30
36
%
Maximum Duty Cycle
MAXDTY
CE=VIN, VOUT=0V
100
-
%
Minimum Duty Cycle
MINDTY
CE=VOUT=VIN
-
-
0
%
Efficiency
(*2)
EFFI
When connected to ext. components,
CE=VIN, IOUT=100mA
-
86
%
Lx SW ON Resistance
RLx
CE=VIN, VOUT=0V, ILx=400mA
(*3)
-
0.4
0.9
Ω
Current Limit
ILIM
VIN=CE=5.0V, VOUT=0V
-
600
-
mA
(XC9206, 9207)
1.2
-
VIN
CE "H" Voltage
VCEH
VOUT=0V, When CE
voltage is applied Lx
determine "H"
(XC9208)
0.9
-
VIN
V
CE "L" Voltage
VCEL
VOUT=0V, When CE voltage is applied Lx
determine "L"
VSS
-
0.3
V
PWM "H" Voltage
VPWMH
When connected to ext. components
(XC9208 only), IOUT=1mA
(*4)
VIN-0.3
-
-
V
PWM "L" Voltage
VPWML
When connected to ext. components
(XC9208 only), IOUT=1mA
(*4)
-
-
VIN-1.0
V
CE "H" Current
ICEH
CE=VIN=5.5V, VOUT=0V
-0.1
-
0.1
μA
CE "L" Current
ICEL
CE=0V, VIN=5.5V, VOUT=0V
-0.1
-
0.1
μA
Soft-Start Time
TSS
When connected to ext. components
CE=0V
→ VIN, IOUT=1mA
0.8
-
6.0
ms
Latch Time
Tlat
When connected to ext. components
VIN=CE=5.0V, short VOUT by 1
Ω
resistance
(*5)
-
-
12.0
ms
■ ELECTRICAL CHARACTERISTICS
Test condition: Unless otherwise stated, VIN = 3.6V
NOTE:
*1: Including hysteresis operating voltage range.
*2: EFFI = [ (output voltage x output current) / (input voltage x input current) ] x 100
*3: On resistance = VLx (measurement voltage) / 0.4
*4: The CE/MODE pin of the XC9208A series works also as an external PWM control and PWM/PFM control switching pin.
When the
IC is in the operation, control is switched to the PWM mode when the CE/MODE pin voltage is equal to or greater than VIN minus 0.3
V, and to the automatic PWM/PFM switching mode when the CE/MODE pin voltage is equal to or lower than VIN minus 1.0 V and
equal to or greater than VCEH.
*5: Time until it short-circuits VOUT with GND through 1
Ωof resistance from a state of operation and is set to VOUT=0V from current limit
pulse generating.
VOUT=1.8V, FOSC=1.2MHz, Ta=25
XC9206A18CMR, XC9207A18CMR, XC9208A18CMR


同様の部品番号 - XC9206_1

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9206153ML TOREX-XC9206153ML Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206153MR TOREX-XC9206153MR Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206156ML TOREX-XC9206156ML Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206156MR TOREX-XC9206156MR Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC920615CML TOREX-XC920615CML Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

同様の説明 - XC9206_1

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com