データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9235 データシート(PDF) 2 Page - Torex Semiconductor

部品番号 XC9235
部品情報  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9235 データシート(HTML) 2 Page - Torex Semiconductor

  XC9235 Datasheet HTML 1Page - Torex Semiconductor XC9235 Datasheet HTML 2Page - Torex Semiconductor XC9235 Datasheet HTML 3Page - Torex Semiconductor XC9235 Datasheet HTML 4Page - Torex Semiconductor XC9235 Datasheet HTML 5Page - Torex Semiconductor XC9235 Datasheet HTML 6Page - Torex Semiconductor XC9235 Datasheet HTML 7Page - Torex Semiconductor XC9235 Datasheet HTML 8Page - Torex Semiconductor XC9235 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2/28
XC9235/XC9236/XC9237 Series
PIN NUMBER
SOT-25
USP-6C
PIN NAME
FUNCTION
1
6
VIN
Power Input
2
2, 5
VSS
Ground
3
4
CE / MODE
Chip Enable Mode Switch
4
3
VOUT
Output Voltage Sense
5
1
Lx
Switching Output
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: CE input logic High Active
B
: CE input logic High Active, high speed soft start, CL discharge
①.
Transistor built-in,
Output voltage internally set
(VOUT product),
Soft-start internally set
C
: CE input logic High Active, CL discharge
Output Voltage
0~4
: Integer number of output voltage
e.g. VOUT=2.8V→②=2, VOUT=3.3V→②=3
Output Voltage
0~9, A~M
: Decimal number of output voltage
50mV increments: 0.05=A, 0.15=B, 0.25=C, 0.35=D, 0.45=E,
0.55=F, 0.65=H, 0.75=K, 0.85=L, 0.95=M
e.g. VOUT=2.8V→②=2, ③=8
VOUT=2.85V→②=2, ③=L
C
: 1.2MHz
Oscillation Frequency
D
: 3.0MHz
M
: SOT-25 (SOT-23-5)
Packages
E
: USP-6C
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
1
3
2
5
4
SOT-25
(Top View)
USP-6C
(BOTTOM VIEW)
VSS
CE/MODE
VIN
Lx
VOUT
CE/MODE
4
2
V
SS
V
IN
6
1
Lx
3
V
OUT
V
SS
5
■PIN CONFIGURATION
* Please short the VSS pin (No. 2 and 5).
* The dissipation pad for the USP-6C
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting strength
and heat release. If the pad needs to be
connected to other pins, it should be
connected to the VSS (No. 5) pin.
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC9235①②③④⑤⑥
PWM fixed control
XC9236①②③④⑤⑥
PWM / PFM automatic switching control
XC9237①②③④⑤⑥
PWM fixed control PWM / PFM automatic switching, manual switching


同様の部品番号 - XC9235

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9235 TOREX-XC9235 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08C4R-G TOREX-XC9235A08C4R-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08CER TOREX-XC9235A08CER Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08CER-G TOREX-XC9235A08CER-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08CMR TOREX-XC9235A08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

同様の説明 - XC9235

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com