データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9235 データシート(PDF) 3 Page - Torex Semiconductor

部品番号 XC9235
部品情報  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9235 データシート(HTML) 3 Page - Torex Semiconductor

  XC9235 Datasheet HTML 1Page - Torex Semiconductor XC9235 Datasheet HTML 2Page - Torex Semiconductor XC9235 Datasheet HTML 3Page - Torex Semiconductor XC9235 Datasheet HTML 4Page - Torex Semiconductor XC9235 Datasheet HTML 5Page - Torex Semiconductor XC9235 Datasheet HTML 6Page - Torex Semiconductor XC9235 Datasheet HTML 7Page - Torex Semiconductor XC9235 Datasheet HTML 8Page - Torex Semiconductor XC9235 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3/28
XC9235/XC9236/XC9237
Series
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Pin Voltage
VIN
- 0.3 ~ 6.5
V
Lx Pin Voltage
VLx
- 0.3 ~ VIN + 0.3 or 6.5V
V
VOUT Pin Voltage
VOUT
- 0.3 ~ 6.5
V
CE / MODE Pin Voltage
VCE
- 0.3 ~ 6.5
V
Lx Pin Current
ILx
±1500
mA
SOT-25
250
Power Dissipation
(*Ta=25℃)
USP-6C
Pd
100
mW
Operating Temperature Range
Topr
- 40 ~ + 85
OC
Storage Temperature Range
Tstg
- 55 ~ + 125
OC
■BLOCK DIAGRAM
NOTE: The signal from CE/MODE Control Logic to PWM/PFM Selector is being fixed to "L" level inside,
and XC9235 series chooses only PWM control.
The signal from CE/MODE Control Logic to PWM/PFM Selector is being fixed to "H" level inside,
and XC9236 series chooses only PWM/PFM automatic switching control.
Diodes inside the circuit are ESD protection diodes and parasitic diodes.
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
●XC9235A / XC9236A / XC9237A
●XC9235B(C) / XC9236B(C) / XC9237B(C)


同様の部品番号 - XC9235

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9235 TOREX-XC9235 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08C4R-G TOREX-XC9235A08C4R-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08CER TOREX-XC9235A08CER Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08CER-G TOREX-XC9235A08CER-G Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235A08CMR TOREX-XC9235A08CMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

同様の説明 - XC9235

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com