データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9510 データシート(PDF) 1 Page - Torex Semiconductor

部品番号 XC9510
部品情報  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510 データシート(HTML) 1 Page - Torex Semiconductor

  XC9510_2 Datasheet HTML 1Page - Torex Semiconductor XC9510_2 Datasheet HTML 2Page - Torex Semiconductor XC9510_2 Datasheet HTML 3Page - Torex Semiconductor XC9510_2 Datasheet HTML 4Page - Torex Semiconductor XC9510_2 Datasheet HTML 5Page - Torex Semiconductor XC9510_2 Datasheet HTML 6Page - Torex Semiconductor XC9510_2 Datasheet HTML 7Page - Torex Semiconductor XC9510_2 Datasheet HTML 8Page - Torex Semiconductor XC9510_2 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
XC9510 Series
Synchronous Step-Down DC/DC Converter
with Built-In LDO Regulator In Series Plus Voltage Detector
GENERAL DESCRIPTION
The XC9510 series consists of a step-down DC/DC converter and a high-speed LDO regulator connected in series with the
DC/DC converter's output. A voltage detector is also built-in. A highly efficient, low noise output is possible since the
regulator is stepped-down further from the DC/DC output.
The DC/DC converter block incorporates a P-channel driver transistor and a synchronous N-channel switching transistor.
With an external coil, diode and two capacitors, the XC9510 can deliver output currents up to 800mA at efficiencies over 90%.
The XC9510 is designed for use with small ceramic capacitors. A choice of three switching frequencies are available, 300
kHz, 600 kHz, and 1.2 MHz. Output voltage settings for the DC/DC is set-up internally in 100mV steps within the range of 1.6V
to 4.0V(±2.0%) and for the VR are set-up internally within the range of 0.9V to 4.0V (±2.0%). For the VD, the range is of
0.9V to 5.0V (±2.0%). The soft start time of the series is internally set to 5ms. With the built-in U.V.L.O. (Under Voltage Lock
Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 1.4 V or lower. The
operational states of the DC/DC and the regulator blocks can be changed by inputting three kinds of voltage level via the
CE/MODE pin. The functions of the MODE pin can be selected via the external control pin to switch the DC/DC control mode
and the disable pin to shut down the regulator block.
APPLICATIONS
CD-R / RW, DVD
HDD
PDAs, portable communication modem
Cellular phones
Palmtop computers
Cameras, video recorders
TYPICAL APPLICATION CIRCUIT
FEATURES
DC/DC Converter with Built-in LDO and VD Function
Input Voltage Range
: 2.4V ~ 6.0V
Low ESR Capacitor
: Ceramic capacitor compatible
VD Function
: Three Sensing Options for Either
VDD, DCOUT or VROUT
N-ch open drain output
Package
: SOP-8
<DC/DC Converter Block>
Output Voltage Range : 1.6V ~ 4.0V (Accuracy ±2%)
Output Current
: 800mA,
Controls
: PWM or PWM/PFM Selectable
Oscillation Frequency : 300kHz, 600kHz, 1.2MHz
<Regulator Block>
Regulator Input
: Serial Input from DC/DC output
Output Voltage Range : 0.9V ~ 4.0V (Accuracy±2%)
Current Limit
: 600mA
Dropout Voltage
: 160mV @ IOUT=200mA
(VOUT=2.8V)
High Ripple Rejection : 60dB @1kHz (VOUT=2.8V)
TYPICAL PERFORMANCE
CHARACTERISTICS
ETR1007_001


同様の部品番号 - XC9510_2

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC95103SL TOREX-XC95103SL Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC95103SR TOREX-XC95103SR Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC95106SL TOREX-XC95106SL Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC95106SR TOREX-XC95106SR Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9510AXXXSX TOREX-XC9510AXXXSX Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

同様の説明 - XC9510_2

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com