データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9510 データシート(PDF) 6 Page - Torex Semiconductor

部品番号 XC9510
部品情報  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510 データシート(HTML) 6 Page - Torex Semiconductor

Back Button XC9510_2 Datasheet HTML 2Page - Torex Semiconductor XC9510_2 Datasheet HTML 3Page - Torex Semiconductor XC9510_2 Datasheet HTML 4Page - Torex Semiconductor XC9510_2 Datasheet HTML 5Page - Torex Semiconductor XC9510_2 Datasheet HTML 6Page - Torex Semiconductor XC9510_2 Datasheet HTML 7Page - Torex Semiconductor XC9510_2 Datasheet HTML 8Page - Torex Semiconductor XC9510_2 Datasheet HTML 9Page - Torex Semiconductor XC9510_2 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6/36
XC9510 Series
Circuit 1
Supply Current, Stand-by Current, CE Current
Circuit 2 Output Voltage (VR), Load Regulation, Dropout Voltage,
Maximum Output Current, (MODE Voltage)
Circuit 3
Output Voltage (DC/DC) Oscillation Frequency,
U.V.L.O. Voltage, Soft-start Time, CE Voltage,
Circuit 4 Minimum Duty Cycle, Maximum Duty Cycle
Maximum Output Current, Efficiency, (PFM Duty Cycle),
(MODE Voltage)
Circuit 5
Lx ON Resistance
Circuit 6
Current Limit 1 (DC/DC)
TEST CIRCUITS
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CIN : 1.0uF (ceramic)
A
A
DCOUT : VIN or GND
V
IROUT
V
CIN : 4.7uF (ceramic)
CE/MODE : VIN
or VIN-1.2V
or GND
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CL:4.7uF(ceramic,
IROUT<300mA )
10uF(ceramic,
IROUT>300mA )
V
CE : VIN
A
CIN : 1.0uF (ceramic)
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
CE : VIN
CIN : 4.7uF (ceramic)
ILX
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
A
Probe
CIN : 4.7uF (ceramic)
V
CL : 10uF
(ceramic)
V
L
IDOUT
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
Probe
Fosc
300kHz
600kHz
1.2MHz
L
22uH(CDRH6D38,
SUMIDA)
10uH(CDRH5D28,
SUMIDA)
4.7uH(CDRH4D28C,
SUMIDA)
CIN : 1.0uF(ceramic)
V
CE : VIN
200
Ω
1
2
3
4
8
7
5
6
VDD
CE/
MODE
AGND
LX
DCOUT
VROUT
VDOUT
PGND
Probe


同様の部品番号 - XC9510_2

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC95103SL TOREX-XC95103SL Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC95103SR TOREX-XC95103SR Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC95106SL TOREX-XC95106SL Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC95106SR TOREX-XC95106SR Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9510AXXXSX TOREX-XC9510AXXXSX Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

同様の説明 - XC9510_2

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com