データシートサーチシステム |
|
XC9511 データシート(PDF) 5 Page - Torex Semiconductor |
|
XC9511 データシート(HTML) 5 Page - Torex Semiconductor |
5 / 35 page 5/35 XC9511 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VROUT(E) IROUT=30mA 3.234 3.300 3.366 V 2 Maximum Output Current Imax2 400 - - mA 2 Load Regulation VROUT 1mA≦IROUT≦100mA - 15 50 mV 2 Dropout Voltage 1 (*5) Vdif 1 IROUT=100mA - 50 110 mV 2 Dropout Voltage 2 Vdif 2 IROUT=200mA - 100 200 mV 2 IROUT=30mA Line Regulation VROUT VIN・VROUT VROUT(T)+1V≦VIN≦6V - 0.05 0.25 %/V 2 Current Limit Ilim2 VROUT=VROUT(E) x 0.9 480 600 - mA 7 Short-Circuit Current Ishort VROUT=VSS - 30 - mA 7 Ripple Rejection Rate PSRR VIN={VOUT(T)+1.0} VDC+0.5Vp-pAC, IROUT=30mA, f=1kHz - 60 - dB 12 Output Voltage IROUT=30mA Temperature Characteristics VROUT Topr・VROUT -40℃≦Topr≦85℃ - ± 100 - ppm/ ℃ 2 PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Detect Voltage VDF(E) CE=0V 2.646 2.700 2.754 V 8 Hysteresis Range VHYS VHYS=[VDR(E) (*10) - VDF(E)] / VDF(E) x 100 2 5 8 % 8 VD Output Current IVD VDOUT=0.5V, CE=0V 1 - - mA 9 Output Voltage Temperature Characteristics VDF Topr・VDF -40℃≦Topr≦85℃ - ± 100 - ppm/ ℃ 8 ■ ELECTRICAL CHARACTERISTICS (Continued) ● Regulator (3.3V product) Topr=25℃ ● Detector (2.7V product) Topr=25℃ Test conditions: Unless otherwise stated: DC/DC : VIN=3.6V [DCOUT:1.5V] VR: VIN = 4.3V (VIN=VROUT(T) + 1.0V) VD: VIN=5.0V Common conditions for all test items: CE=VIN, MODE=0V * VROUT(T) : Setting output voltage NOTE: *1: Including hysteresis operating voltage range. *2: ON resistance (Ω)= 0.05 (V) / ILX (A). *3: EFFI = { ( Output Voltage x Output Current ) / ( Input Voltage x Input Current) } x 100 *4: Time until it short-circuits DCOUT with GND through 1Ωof resistance from a state of operation and is set to DCOUT=0V from current limit pulse generating. *5: Vdif = (VIN1 (*6) - VROUT1 (*7)) *6: VIN 1 = The input voltage when VROUT1 appears as input voltage is gradually decreased. *7: VROUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VROUT(T) + 1.0V} is input. *8: Current limit = When VIN is low, limit current may not be reached because of voltage falls caused by ON resistance or serial resistance of coils. *9: Integral latch circuit=latch time may become longer and latch operation may not work when VIN is 3.0V or more. *10: VDR(E) = VD release voltage *11: When temperature is high, a current of approximately 5.0μA (maximum) may leak. *12: When using the IC with a regulator output at almost no load, a capacitor should be placed as close as possible between AVDD and AGND (CIN2), connected with low impedance. Please also see the recommended pattern layout on page 13 for your reference. Should it not be possible to place the input capacitor nearby, the regulated output level may increase up to the VDD level while the load of the DC/DC converter increases and the regulator output is at almost no load. XC9511xxxCSx (Continued) |
同様の部品番号 - XC9511_1 |
|
同様の説明 - XC9511_1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |