データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C451FNR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C451FNR
部品情報  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FNR データシート(HTML) 6 Page - Texas Instruments

Back Button TL16C451FNR Datasheet HTML 2Page - Texas Instruments TL16C451FNR Datasheet HTML 3Page - Texas Instruments TL16C451FNR Datasheet HTML 4Page - Texas Instruments TL16C451FNR Datasheet HTML 5Page - Texas Instruments TL16C451FNR Datasheet HTML 6Page - Texas Instruments TL16C451FNR Datasheet HTML 7Page - Texas Instruments TL16C451FNR Datasheet HTML 8Page - Texas Instruments TL16C451FNR Datasheet HTML 9Page - Texas Instruments TL16C451FNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME†
NO.
I/O
DESCRIPTION
PD0 – PD7
53 – 46
I/O
Parallel data bits (0 – 7). These eight lines provide a byte-wide input or output port to the system. The
eight lines are held in a high-impedance state when LPTOE is high.
PE
67
I
Printer paper empty. This is an input line from the printer that goes high when the printer runs out of
paper.
RESET
39
I
Reset. When active (low), RESET clears most ACE registers and sets the state of various output
signals. Refer to Table 2.
RI0
RI1 [GND]
30
6
I
Ring indicator. RIx is an active-low modem status signal. Its state can be checked by reading bit 6 (RI)
of the modem status register. Bit 2 (TERI) of the modem status register indicates that the RIx input has
transitioned from a low to a high state since the last read from the modem status register. If the modem
status interrupt is enabled when this transition occurs, an interrupt is generated.
RLSD0
RLSD1 [GND]
29
8
I
Receive line signal detect. RLSDx is an active-low modem status signal. Its state can be checked by
reading bit 7 of the modem status register. Bit 3 (DRLSD) of the modem status register indicates that
this signal has changed states since the last read from the modem status register. If the modem status
interrupt is enabled when RLSDx changes state, an interrupt is generated. This bit is low when a data
carrier is detected.
RTS0
RTS1 [NC]
24
12
O
Request to send. When active (low), RTSx informs the modem or data set that the ACE is ready to
transmit data. RTSx is set to its active state by setting the RTS modem control register bit and is set
to its inactive (high) state either as a result of a reset or during loop mode operations or by clearing bit
1 (RTS) of the modem control register.
SIN0
SIN1 [GND]
41
62
I
Serial input. SINx is a serial data input from a connected communications device.
SLCT
65
I
Printer selected. SLCT is an input line from the printer that goes high when the printer has been selected.
SLIN
58
I/O
Printer select. SLIN is an open-drain line that selects the printer when it is active (low). An internal pullup
is provided on this line.
SOUT0
SOUT1 [NC]
26
10
I
Serial output. SOUTx is a composite serial data output to a connected communication device. SOUTx
is set during a reset.
STB
55
I/O
Printer strobe. STB is an open-drain line that provides communication synchronization between the
TL16C451/TL16C452 and the printer. When it is active (low), it provides the printer with a signal to latch
the data currently on the parallel port. An internal pullup is provided on this line.
VCC
23,40,
64
5-V supply voltage
GND
2,7,9
22,27,42,
43,54,61
Supply common
† Names shown in brackets are for the TL16C451.


同様の部品番号 - TL16C451FNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C451FNR TI-TL16C451FNR Datasheet
334Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451FNRG4 TI-TL16C451FNRG4 Datasheet
334Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
More results

同様の説明 - TL16C451FNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C451 TI-TL16C451 Datasheet
309Kb / 23P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C451 TI-TL16C451_08 Datasheet
334Kb / 24P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENTS
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com