データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90614KSF-DBC データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 MLX90614KSF-DBC
部品情報  Single and Dual Zone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90614KSF-DBC データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  MLX90614KSF-DBC Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90614KSF-DBC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 2 of 40
Data Sheet
Rev 003
03/Oct/2007
General description (continued)
The MLX90614 is built from 2 chips developed and manufactured by Melexis:
The Infra Red thermopile detector MLX81101
The signal conditioning ASSP MLX90302, specially designed to process the output of IR sensor.
The device is available in an industry standard TO-39 package.
Thanks to the low noise amplifier, high resolution 17-bit ADC and powerful DSP unit of MLX90302 high
accuracy and resolution of the thermometer is achieved. The calculated object and ambient temperatures are
available in RAM of MLX90302 with resolution of 0.01 ˚C. They are accessible by 2 wire serial SMBus
compatible protocol (0.02°C resolution) or via 10-bit PWM (Pulse Width Modulated) output of the device.
The MLX90614 is factory calibrated in wide temperature ranges: -40 to 125 ˚C for the ambient temperature
and -70 to 382.2 ˚C for the object temperature. The 10-bit PWM is as a standard configured to transmit
continuously the measured object temperature for an object temperature range of -20 to 120 ˚C with an
output resolution of 0.14 ˚C. The PWM can be easily customized for virtually any range desired by the
customer by changing the content of 2 EEPROM cells. This has no effect on the factory calibration of the
device.
The PWM pin can also be configured to act as a thermal relay (input is To), thus allowing for an easy and
cost effective implementation in thermostats or temperature (freezing/boiling) alert applications. The
temperature threshold is user programmable. In an SMBus system this feature can act as a processor
interrupt that can trigger reading all slaves on the bus and to determine the precise condition.
As a standard, the MLX90614 is calibrated for an object emissivity of 1. It can be easily customized by the
customer for any other emissivity in the range 0.1-1.0 without the need of recalibration with a black body.
The thermometer is available in 2 supply voltage options: 5V compatible or 3V (battery) compatible. The 5V
can be easily adopted to operate from a higher supply voltage (8-16V, for example) by use of few external
components (refer to “Applications information” section for details).
An optical filter (long-wave pass) that cuts off the visible and near infra-red radiant flux is integrated in the
package to provide sunlight immunity.


同様の部品番号 - MLX90614KSF-DBC

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90614KSF-DBC MELEXIS-MLX90614KSF-DBC Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614KSF-DBC-000-TU MELEXIS-MLX90614KSF-DBC-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

同様の説明 - MLX90614KSF-DBC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
Gamewell-FCI by Honeywe...
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com