データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4360-8BCPRL7 データシート(PDF) 5 Page - Analog Devices

部品番号 ADF4360-8BCPRL7
部品情報  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4360-8BCPRL7 データシート(HTML) 5 Page - Analog Devices

  ADF4360-8BCPRL7 Datasheet HTML 1Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 2Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 3Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 4Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 5Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 6Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 7Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 8Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADF4360-8
Rev. A | Page 5 of 24
TIMING CHARACTERISTICS1
AVDD = DVDD = VVCO = 3.3 V ± 10%; AGND = DGND = 0 V; 1.8 V and 3 V logic levels used; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN to TMAX (B Version)
Unit
Test Conditions/Comments
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLOCK setup time
t3
10
ns min
DATA to CLOCK hold time
t4
25
ns min
CLOCK high duration
t5
25
ns min
CLOCK low duration
t6
10
ns min
CLOCK to LE setup time
t7
20
ns min
LE pulse width
1 Refer to the Power-Up section for the recommended power-up procedure for this device.
CLOCK
DATA
LE
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
Figure 2. Timing Diagram


同様の部品番号 - ADF4360-8BCPRL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4360-8BCPZ AD-ADF4360-8BCPZ Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-8BCPZRL AD-ADF4360-8BCPZRL Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-8BCPZRL7 AD-ADF4360-8BCPZRL7 Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
More results

同様の説明 - ADF4360-8BCPRL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com