データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8444L データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDD8444L
部品情報  N-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8444L データシート(HTML) 4 Page - Fairchild Semiconductor

  FDD8444L Datasheet HTML 1Page - Fairchild Semiconductor FDD8444L Datasheet HTML 2Page - Fairchild Semiconductor FDD8444L Datasheet HTML 3Page - Fairchild Semiconductor FDD8444L Datasheet HTML 4Page - Fairchild Semiconductor FDD8444L Datasheet HTML 5Page - Fairchild Semiconductor FDD8444L Datasheet HTML 6Page - Fairchild Semiconductor FDD8444L Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDD8444L Rev A (W)
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs Case
Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
VGS = 5V
TC, CASE TEMPERATURE(oC)
VGS = 10V
CURRENT LIMITED
BY PACKAGE
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
1E-3
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
100
1000
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
V
GS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
4000
TC = 25oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


同様の部品番号 - FDD8444L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8444L-F085 FAIRCHILD-FDD8444L-F085 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD8444L-F085 ONSEMI-FDD8444L-F085 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDD8444LF085 FAIRCHILD-FDD8444LF085 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
More results

同様の説明 - FDD8444L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com