データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T315V-85MH6TR データシート(PDF) 10 Page - STMicroelectronics

部品番号 M41T315V-85MH6TR
部品情報  Serial access phantom RTC supervisor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315V-85MH6TR データシート(HTML) 10 Page - STMicroelectronics

Back Button M41T315V-85MH6TR Datasheet HTML 6Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 7Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 8Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 9Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 10Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 11Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 12Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 13Page - STMicroelectronics M41T315V-85MH6TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Operation
M41T315Y, M41T315V, M41T315W
10/30
2
Operation
Figure 6 on page 11 illustrates the main elements of the device. The following paragraphs
describe the signals and functions.
Communication with the clock is established by pattern recognition of a serial bit stream of
64 bits which must be matched by executing 64 consecutive WRITE cycles containing the
proper data on data in (D). All accesses which occur prior to recognition of the 64-bit pattern
are directed to memory via the chip enable output pin (CEO).
After recognition is established, the next 64 READ or WRITE Cycles either extract or update
data in the clock and CEO remains high during this time, disabling the connected memory
(see Table 2 on page 11).
Data transfer to and from the timekeeping function is accomplished with a serial bit stream
under control of chip enable input (CEI), output enable (OE), and WRITE enable (WE).
Initially, a READ cycle using the CEI and OE control of the clock starts the pattern
recognition sequence by moving the pointer to the first bit of the 64-bit comparison register.
Next, 64 consecutive WRITE cycles are executed using the CEI and WE control of the clock.
These 64 WRITE cycles are used only to gain access to the clock.
When the first WRITE cycle is executed, it is compared to the first bit of the 64-bit
comparison register. If a match is found, the pointer increments to the next location of the
comparison register and awaits the next WRITE cycle.
If a match is not found, the pointer does not advance and all subsequent WRITE cycles are
ignored. If a READ cycle occurs at any time during pattern recognition, the present
sequence is aborted and the comparison register pointer is reset. Pattern recognition
continues for a total of 64 WRITE cycles as described above until all the bits in the
comparison register have been matched (see Figure 8 on page 14).
With a correct match for 64 bits, access to the registers is enabled and data transfer to or
from the timekeeping registers may proceed. The next 64 cycles will cause the device to
either receive data on D, or transmit data on Q, depending on the level of OE pin or the WE
pin. Cycles to other locations outside the memory block can be interleaved with CEI cycles
without interrupting the pattern recognition sequence or data transfer sequence to the
device.
For a SO16 pin package, a standard 32.768 kHz quartz crystal can be directly connected to
the M41T315Y/V/W via pins 1 and 2 (XI, XO). The crystal selected for use should have a
specified load capacitance (CL) of 12.5 pF (see Table 10 on page 21).


同様の部品番号 - M41T315V-85MH6TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T315V-85MH6TR STMICROELECTRONICS-M41T315V-85MH6TR Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
More results

同様の説明 - M41T315V-85MH6TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com