データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC16374DGGR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC16374DGGR
部品情報  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC16374DGGR データシート(HTML) 5 Page - Texas Instruments

  SN74AHC16374DGGR Datasheet HTML 1Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 2Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 3Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 4Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 5Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 6Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 7Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 8Page - Texas Instruments SN74AHC16374DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN54AHC16374, SN74AHC16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCLS330G – MARCH 1996 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC16374
SN74AHC16374
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
80*
130*
70*
70
MHz
fmax
CL = 50 pF
55
85
50
50
MHz
tPLH
CLK
Q
CL =15 pF
9*
15*
1*
17*
1
17
ns
tPHL
CLK
Q
CL = 15 pF
9*
15*
1*
17*
1
17
ns
tPZH
OE
Q
CL =15 pF
8*
13*
1*
15*
1
15
ns
tPZL
OE
Q
CL = 15 pF
8*
13*
1*
15*
1
15
ns
tPHZ
OE
Q
CL =15 pF
9*
14*
1*
16*
1
16
ns
tPLZ
OE
Q
CL = 15 pF
10*
14*
1*
16*
1
16
ns
tPLH
CLK
Q
CL =50 pF
10.6
16.2
1
18.5
1
18.5
ns
tPHL
CLK
Q
CL = 50 pF
10.6
16.2
1
18.5
1
18.5
ns
tPZH
OE
Q
CL =50 pF
9.6
14.9
1
16
1
16
ns
tPZL
OE
Q
CL = 50 pF
9.6
14.9
1
16
1
16
ns
tPHZ
OE
Q
CL =50 pF
10.2
15.5
1
17
1
17
ns
tPLZ
OE
Q
CL = 50 pF
11.8
15.5
1
17
1
17
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC16374
SN74AHC16374
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
130*
185*
110*
110
MHz
fmax
CL = 50 pF
85
120
75
75
MHz
tPLH
CLK
Q
CL =15 pF
5.4*
9.1*
1*
10.1*
1
10.1
ns
tPHL
CLK
Q
CL = 15 pF
5.4*
9.1*
1*
10.1*
1
10.1
ns
tPZH
OE
Q
CL =15 pF
5.1*
9.1*
1*
10.1*
1
10.1
ns
tPZL
OE
Q
CL = 15 pF
5.1*
9.1*
1*
10.1*
1
10.1
ns
tPHZ
OE
Q
CL =15 pF
5*
9.5*
1*
10.5*
1
10.5
ns
tPLZ
OE
Q
CL = 15 pF
5*
9.5*
1*
10.5*
1
10.5
ns
tPLH
CLK
Q
CL =50 pF
6.9
10.1
1
11.5
1
11.5
ns
tPHL
CLK
Q
CL = 50 pF
6.9
10.1
1
11.5
1
11.5
ns
tPZH
OE
Q
CL =50 pF
6.6
10.1
1
11.5
1
11.5
ns
tPZL
OE
Q
CL = 50 pF
6.6
10.1
1
11.5
1
11.5
ns
tPHZ
OE
Q
CL =50 pF
6.1
10.5
1
11.5
1
11.5
ns
tPLZ
OE
Q
CL = 50 pF
6.1
10.5
1
11.5
1
11.5
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74AHC16374DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC16374DGG TI-SN74AHC16374DGG Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AHC16374DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
   16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com