データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4001 データシート(PDF) 1 Page - DAESAN ELECTRONIC CORP.

部品番号 SM4001
部品情報  CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAESAN [DAESAN ELECTRONIC CORP.]
ホームページ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SM4001 データシート(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SM4001 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SM4001 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM4001 THRU SM4007
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· For surface mounted applications
· Glass passivated junction
· High temperature soldering guaranteed: 250
℃/10
seconds, at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC MELF(DO-41) molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.0041 ounce, 0.116 gram
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient, 0.24
×0.24"(6.0×6.0mm) copper pads to each terminals
(3) Thermal resistance from junction to terminals, 0.24
×0.24"(6.0×6.0mm) copper pads to each terminals
CURRENT 1.0 Ampere
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length at TA=75
Maximum instantaneous forward voltage
at 1.0A
VRRM
50
Volts
Symbols
SM
4001
Units
1.1
VF
VRMS
1.0
Amps
IFSM
TJ
TSTG
50.0
-65 to +150
Volts
Amp
Maximum reverse
current at rated voltage
Typical thermal resistance
Typical junction capacitance (Note 1)
Operating and storage temperature range
SM
4002
SM
4003
SM
4004
SM
4005
SM
4006
SM
4007
35
50
15.0
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Volts
μA
℃/W
pF
I(AV)
IR
CJ
R
θJA
TA=25
TA=125
R
θJL
30.0
75.0
5.0
30.0
(Note 2)
(Note 3)
Maximum DC blocking voltage temperature
+150
TA
Dimensions in inches and (millimeters)
MELF (DO-41)
0.205(5.20)
0.190(4.80)
0.024(0.60)
0.018(0.46)
SOLDERABLE ENDS
0.105(2.70)
0.095(2.40)


同様の部品番号 - SM4001

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Diotec Semiconductor
SM4001 DIOTEC-SM4001 Datasheet
112Kb / 2P
   Surface Mount Silicon Rectifier Diodes
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
SM4001 MIC-SM4001 Datasheet
50Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

同様の説明 - SM4001

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
1N4001 ETC-1N4001 Datasheet
35Kb / 1P
   VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF400X ETC1-UF400X Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
1H1 DAESAN-1H1 Datasheet
281Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
FR101 DAESAN-FR101 Datasheet
280Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
HER101G DAESAN-HER101G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com