データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5420-030-A-H-T データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SM5420-030-A-H-T
部品情報  Low-Cost, SO-8 Packaged Pressure Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM5420-030-A-H-T データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5420-030-A-H-T Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5420-030-A-H-T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5420
 2004 - 2005
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ sales@si-micro.com ♦ www.si-micro.com
CHARACTERISTICS FOR SM5420 - SPECIFICATIONS
All parameters are measured at 5.000V supply at room temperature, unless otherwise specified.
Min.
Typ.
Max.
Units
Notes
Excitation Voltage
0
5.0
15
V
1
Excitation Current
0
1.5
2.5
mA
1
Span (FS Range), PSI (kPa)
15 (103)
30 (207)
60 (414)
100 (689)
65
65
65
65
100
100
100
100
135
135
135
135
mV
mV
mV
mV
2
Offset
-35
35
mV
2
TC Span
-24
-19
-15.5
%FS/100°C
3
TC Offset
-7
-1
+7
%FS/100°C
3
TC Resistance
+24
+27.5
+33
%/100°C
3
Linearity
-0.20
-0.07
+0.20
%FS
4
Bridge Impedance
4
5
6
k
Input Capacitance
<2
pF
Proof Pressure
3X
Rated FS
Burst Pressure
5X
Rated FS
Operating Temperature
-40
+125
°C
Storage Temperature
-55
+150
°C
Notes:
1.
Bridge may be driven with positive or negative excitation; positive output for positive pressure applied to circuit side of die
when bridge is driven with positive voltage.
2.
Measured at 5V constant voltage excitation.
3.
Measured from 0 to 70 C
4.
Defined as best straight line.
5.
All parts are gelled unless custom ordered. Consult factory for details.
PIN OUT
1
NC
8
+IN
2
Out+
7
NC
3
NC
6
Out-
4
-IN1
5
-IN2
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no responsibility for the
use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. While
the information in this publication has been checked, no responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to
cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
ORDERING INFORMATION:
SM5420 - XXX - A - P - T
Model Number
Pressure
Range
Pressure
Type
Cap
Type
Shipping
Pressure Range = 015, 030, 060, or 100
for 15, 30, 60, or 100 PSI respectively
Pressure Type = A (absolute only)
Cap Type = H (hole) or P (port)
Shipping = T (tape) or S (IC stick)
Rev 1.2 4_05
H configuration
P configuration
Pressure Ranges
PSI
5420
15
015
30
030
60
060
100
100
2
4
5
SM5420
Pin-out
8
6


同様の部品番号 - SM5420-030-A-H-T

メーカー部品番号データシート部品情報
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-030-A-H-T SMI-SM5420E-030-A-H-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-030-A-P-T SMI-SM5420E-030-A-P-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-060-A-H-T SMI-SM5420E-060-A-H-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
SM5420E-060-A-P-T SMI-SM5420E-060-A-P-T Datasheet
539Kb / 5P
   Absolute Pressure Sensor
More results

同様の説明 - SM5420-030-A-H-T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM5430 ETC2-SM5430 Datasheet
396Kb / 4P
   Low Cost Packaged Pressure Sensors
logo
Amphenol Corporation
NPI-301 AMPHENOL-NPI-301 Datasheet
60Kb / 4P
   Low-cost surface mount package: SO-8
logo
Silicon Microstructures...
SM9D SMI-SM9D Datasheet
934Kb / 9P
   Uncompensated SO-16 Pressure Sensor
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
logo
Silicon Microstructures...
SM5331-BCE-S-010-000 SMI-SM5331-BCE-S-010-000 Datasheet
682Kb / 7P
   Low Pressure Digital Sensor
SM6231-BCE-S-005-001 SMI-SM6231-BCE-S-005-001 Datasheet
682Kb / 7P
   Low Pressure Digital Sensor
SM7331-BCE-S-001-001 SMI-SM7331-BCE-S-001-001 Datasheet
681Kb / 7P
   Low Pressure Digital Sensor
SM7331-BCE-S-010-000 SMI-SM7331-BCE-S-010-000 Datasheet
695Kb / 7P
   Low Pressure Digital Sensor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com