データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDG332PZ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDG332PZ
部品情報  P-Channel PowerTrench짰 MOSFET -20V, -2.6A, 97m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG332PZ データシート(HTML) 1 Page - Fairchild Semiconductor

  FDG332PZ Datasheet HTML 1Page - Fairchild Semiconductor FDG332PZ Datasheet HTML 2Page - Fairchild Semiconductor FDG332PZ Datasheet HTML 3Page - Fairchild Semiconductor FDG332PZ Datasheet HTML 4Page - Fairchild Semiconductor FDG332PZ Datasheet HTML 5Page - Fairchild Semiconductor FDG332PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
tm
July 2007
©2007 Fairchild Semiconductor Corporation
FDG332PZ Rev.B
www.fairchildsemi.com
1
FDG332PZ
P-Channel PowerTrench® MOSFET
-20V, -2.6A, 97m
Features
Max rDS(on) = 95mΩ at VGS = -4.5V, ID = -2.6A
Max rDS(on) = 115mΩ at VGS = -2.5V, ID = -2.2A
Max rDS(on) = 160mΩ at VGS = -1.8V, ID = -1.9A
Max rDS(on) = 330mΩ at VGS = -1.5V, ID = -1.0A
Very low level gate drive requirements allowing operation
in 1.5V circuits
Very small package outline SC70-6
RoHS Compliant
General Description
This P-Channel MOSFET uses Fairchild’s advanced low
voltage PowerTrench® process. It has been optimized for
battery power management applications.
Applications
Battery management
Load switch
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-20
V
VGS
Gate to Source Voltage
±8
V
ID
Drain Current
-Continuous
-2.6
A
-Pulsed
-9
PD
Power Dissipation
(Note 1a)
0.75
W
Power Dissipation
(Note 1b)
0.48
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJA
Thermal Resistance, Junction to Ambient Single operation
(Note 1a)
170
°C/W
RθJA
Thermal Resistance, Junction to Ambient Single operation
(Note 1b)
260
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
.32
FDG332PZ
SC70-6
7’’
8 mm
3000 units
D
D
G
D
D
S
D
S
D
D
G
D
Pin 1
SC70-6


同様の部品番号 - FDG332PZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

同様の説明 - FDG332PZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
FDMA510PZ FAIRCHILD-FDMA510PZ Datasheet
752Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.8A, 30m廓
FDMA520PZ FAIRCHILD-FDMA520PZ_08 Datasheet
1Mb / 6P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.3A, 30m廓
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
FDZ1905PZ FAIRCHILD-FDZ1905PZ Datasheet
297Kb / 6P
   Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDS4141 FAIRCHILD-FDS4141 Datasheet
217Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 13.0m廓
FDS4141_F085 FAIRCHILD-FDS4141_F085 Datasheet
257Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -10.8A, 19.0m廓
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com