データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTB24-600CW データシート(PDF) 1 Page - STMicroelectronics

部品番号 BTB24-600CW
部品情報  25A TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24-600CW データシート(HTML) 1 Page - STMicroelectronics

  BTB24-600CW Datasheet HTML 1Page - STMicroelectronics BTB24-600CW Datasheet HTML 2Page - STMicroelectronics BTB24-600CW Datasheet HTML 3Page - STMicroelectronics BTB24-600CW Datasheet HTML 4Page - STMicroelectronics BTB24-600CW Datasheet HTML 5Page - STMicroelectronics BTB24-600CW Datasheet HTML 6Page - STMicroelectronics BTB24-600CW Datasheet HTML 7Page - STMicroelectronics BTB24-600CW Datasheet HTML 8Page - STMicroelectronics BTB24-600CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2006
Rev 9
1/12
12
BTA24, BTB24, BTA25, BTA26
and T25 series
Snuberrless™ and Standard
25 A Triacs
Main features
Description
Available either in through-hole or surface-mount
packages, the BTA24, BTB24, BTA25, BTA26
and T25 triac series is suitable for general
purpose AC switching. They can be used as an
ON/OFF function in applications such as static
relays, heating regulation, induction motor starting
circuits... or for phase control operation in light
dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W and T25
series) are specially recommended for use on
inductive loads, thanks to their high commutation
performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab
(rated at 2500VRMS) complying with UL standards
(File ref.: E81734).
Order codes
TM: Snubberless is a trademark of STMicroelectronics
Symbol
Value
Unit
IT(RMS)
25
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
35 to 50
mA
Part Number
Marking
BTA24-xxxxxRG
See Table 6 on page 6
BTB24-xxxxxRG
BTA25-xxxxxRG
BTA26-xxxxxRG
T25xx-xxxG
T25xx-xxxG-TR
D2PAK
(T25-G)
RD91
(BTA25)
TOP3 Insulated
(BTA26)
TO-220AB Insulated
(BTA24)
TO-220AB
(BTB24)
G
A2
A1
G
A2
A2
A1
A2
A1
G
G
A2
A1
G
A2
A1
A2
A2
G
A1
www.st.com


同様の部品番号 - BTB24-600CW

メーカー部品番号データシート部品情報
logo
HAOPIN MICROELECTRONICS...
BTB24-600CW HAOPIN-BTB24-600CW Datasheet
308Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTB24-600CWRG STMICROELECTRONICS-BTB24-600CWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTB24-600CWRG STMICROELECTRONICS-BTB24-600CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB24-600CWRG STMICROELECTRONICS-BTB24-600CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

同様の説明 - BTB24-600CW

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com