データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT16646 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT16646
部品情報  16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16646 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74ABT16646 Datasheet HTML 5Page - Texas Instruments SN74ABT16646 Datasheet HTML 6Page - Texas Instruments SN74ABT16646 Datasheet HTML 7Page - Texas Instruments SN74ABT16646 Datasheet HTML 8Page - Texas Instruments SN74ABT16646 Datasheet HTML 9Page - Texas Instruments SN74ABT16646 Datasheet HTML 10Page - Texas Instruments SN74ABT16646 Datasheet HTML 11Page - Texas Instruments SN74ABT16646 Datasheet HTML 12Page - Texas Instruments SN74ABT16646 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SN54ABT16646, SN74ABT16646
16-BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS212D – JUNE 1992 – REVISED JULY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
SN54ABT16646
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
125
125
MHz
tPLH
CLKBA or CLKAB
AorB
1.5
3.1
4
1
5
ns
tPHL
CLKBA or CLKAB
A or B
1.5
3.2
4.1
1
5
ns
tPLH
AorB
BorA
1
2.3
3.2
0.6
4
ns
tPHL
A or B
B or A
1
3
4.1
0.6
4.9
ns
tPLH
SAB or SBA†
BorA
1
2.9
4.3
0.6
5.3
ns
tPHL
SAB or SBA†
B or A
1
3.1
4.3
0.6
5.3
ns
tPZH
OE
AorB
1
3.4
4.6
0.6
5.9
ns
tPZL
OE
A or B
1.5
3.5
5.3
1
6
ns
tPHZ
OE
AorB
1.5
3.9
5.6
1
6.4
ns
tPLZ
OE
A or B
1.5
3.1
4.4
1
4.7
ns
tPZH
DIR
AorB
1
3.2
4.5
0.6
5.8
ns
tPZL
DIR
A or B
1.5
3.4
5.1
1
6.7
ns
tPHZ
DIR
AorB
2
4.2
5.9
1.2
7.1
ns
tPLZ
DIR
A or B
1.5
3.6
5.1
1
6.2
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
SN74ABT16646
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
125
125
MHz
tPLH
CLKBA or CLKAB
AorB
1.5
3.1
4
1.5
4.9
ns
tPHL
CLKBA or CLKAB
A or B
1.5
3.2
4.1
1.5
4.7
ns
tPLH
AorB
BorA
1
2.3
3.2
1
3.9
ns
tPHL
A or B
B or A
1
3
4.1
1
4.6
ns
tPLH
SAB or SBA†
BorA
1
2.9
4.3
1
5
ns
tPHL
SAB or SBA†
B or A
1
3.1
4.3
1
5
ns
tPZH
OE
AorB
1
3.4
4.6
1
5.5
ns
tPZL
OE
A or B
1.5
3.5
4.9
1.5
5.7
ns
tPHZ
OE
AorB
1.5
3.9
4.9
1.5
5.4
ns
tPLZ
OE
A or B
1.5
3.1
4.1
1.5
4.5
ns
tPZH
DIR
AorB
1
3.2
4.5
1
5.4
ns
tPZL
DIR
A or B
1.5
3.4
4.8
1.5
5.6
ns
tPHZ
DIR
AorB
2
4.2
5.7
2
6.7
ns
tPLZ
DIR
A or B
1.5
3.6
5.1
1.5
5.9
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.


同様の部品番号 - SN74ABT16646

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT16646 TI-SN74ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT16646DGG TI-SN74ABT16646DGG Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT16646DGGR TI-SN74ABT16646DGGR Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT16646DL TI-SN74ABT16646DL Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ABT16646DLR TI-SN74ABT16646DLR Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ABT16646

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652 Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16652 TI-SN54ABT16652_08 Datasheet
409Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74AC16646 TI1-74AC16646 Datasheet
218Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI1-54ACT16646_08 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com