データシートサーチシステム |
|
SN74AHCT16244DGVR データシート(PDF) 5 Page - Texas Instruments |
|
|
SN74AHCT16244DGVR データシート(HTML) 5 Page - Texas Instruments |
5 / 13 page SN54AHCT16244, SN74AHCT16244 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCLS334I – MARCH 1996 – REVISED JANUARY 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHCT16244 SN74AHCT16244 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y CL =15 pF 5.4* 8.5* 1* 10* 1 9.5 ns tPHL A Y CL = 15 pF 5.4* 8.5* 1* 10* 1 9.5 ns tPZH OE Y CL =15 pF 7.7* 10.4* 1* 12* 1 12 ns tPZL OE Y CL = 15 pF 7.7* 10.4* 1* 12* 1 12 ns tPHZ OE Y CL =15 pF 5* 10.4* 1* 12* 1 12 ns tPLZ OE Y CL = 15 pF 5* 10.4* 1* 12* 1 12 ns tPLH A Y CL =50 pF 7 9.5 1 11 1 10.5 ns tPHL A Y CL = 50 pF 5.9 9.5 1 11 1 10.5 ns tPZH OE Y CL =50 pF 8.2 11.4 1 13 1 13 ns tPZL OE Y CL = 50 pF 8.2 11.4 1 13 1 13 ns tPHZ OE Y CL =50 pF 8.8 11.4 1 13 1 13 ns tPLZ OE Y CL = 50 pF 8.8 11.4 1 13 1 13 ns tsk(o) CL = 50 pF 1** 1 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. ** On products compliant to MIL-PRF-38535, this parameter does not apply. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4) PARAMETER SN74AHCT16244 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.7 V VOL(V) Quiet output, minimum dynamic VOL –0.7 V VOH(V) Quiet output, minimum dynamic VOH 4.8 V VIH(D) High-level dynamic input voltage 2 V VIL(D) Low-level dynamic input voltage 0.8 V NOTE 4: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 8.2 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
同様の部品番号 - SN74AHCT16244DGVR |
|
同様の説明 - SN74AHCT16244DGVR |