データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT4403 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 PZT4403
部品情報  PNP switching transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZT4403 データシート(HTML) 7 Page - NXP Semiconductors

  PZT4403 Datasheet HTML 1Page - NXP Semiconductors PZT4403 Datasheet HTML 2Page - NXP Semiconductors PZT4403 Datasheet HTML 3Page - NXP Semiconductors PZT4403 Datasheet HTML 4Page - NXP Semiconductors PZT4403 Datasheet HTML 5Page - NXP Semiconductors PZT4403 Datasheet HTML 6Page - NXP Semiconductors PZT4403 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NXP Semiconductors
PZT4403
PNP switching transistor
© NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 17 January 2008
Document identifier: PZT4403_N_2
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
Revision history
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PZT4403_N_2
20080117
Product data sheet
-
PZT4403_1
Modifications:
Page 3 Characteristics table, Switching time conditions; value for IBon and IBoff changed
PZT4403_1
(9397 750 05901)
19990510
Product specification
-
-


同様の部品番号 - PZT4403

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PZT4403 NXP-PZT4403 Datasheet
102Kb / 9P
   40 V, 600 mA PNP switching transistor
Rev. 03-2 March 2010
logo
SeCoS Halbleitertechnol...
PZT4403 SECOS-PZT4403 Datasheet
930Kb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403 Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
PZT4403 JIANGSU-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

同様の説明 - PZT4403

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com