データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LV259D データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74LV259D
部品情報  8-bit addressable latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV259D データシート(HTML) 3 Page - NXP Semiconductors

  74LV259D Datasheet HTML 1Page - NXP Semiconductors 74LV259D Datasheet HTML 2Page - NXP Semiconductors 74LV259D Datasheet HTML 3Page - NXP Semiconductors 74LV259D Datasheet HTML 4Page - NXP Semiconductors 74LV259D Datasheet HTML 5Page - NXP Semiconductors 74LV259D Datasheet HTML 6Page - NXP Semiconductors 74LV259D Datasheet HTML 7Page - NXP Semiconductors 74LV259D Datasheet HTML 8Page - NXP Semiconductors 74LV259D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74LV259_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 January 2008
3 of 19
NXP Semiconductors
74LV259
8-bit addressable latch
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 3.
Functional diagram
001aah120
1 OF 8
DECODER
8 LATCHES
A0
1
A1
2
A2
3
LE
14
MR
15
D
13
Q0
4
Q1
5
Q2
6
Q3
7
Q4
9
Q5
10
Q6
11
Q7
12
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration DIP16, SO16 and (T)SSOP16
Fig 5.
Pin configuration DHVQFN16
74LV259
A0
VCC
A1
MR
A2
LE
Q0
D
Q1
Q7
Q2
Q6
Q3
Q5
GND
Q4
001aah127
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aah117
74LV259
Q3
Q5
Q2
Q6
Q1
VCC(1)
Q7
Q0
D
A2
LE
A1
MR
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
A0
1
address input
A1
2
address input
A2
3
address input
GND
8
ground (0 V)
Q[0:7]
4, 5, 6, 7, 9, 10, 11, 12
latch output


同様の部品番号 - 74LV259D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV259D PHILIPS-74LV259D Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
74LV259DB PHILIPS-74LV259DB Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
More results

同様の説明 - 74LV259D

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com