データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-1111B51MC-NZKTFG データシート(PDF) 3 Page - Seiko Instruments Inc

部品番号 S-1111B51MC-NZKTFG
部品情報  HIGH RIPPLE-REJECTION LOW DROPOUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SII [Seiko Instruments Inc]
ホームページ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1111B51MC-NZKTFG データシート(HTML) 3 Page - Seiko Instruments Inc

  S-1111B51MC-NZKTFG Datasheet HTML 1Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 2Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 3Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 4Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1111B51MC-NZKTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-1111/1121 Series
Seiko Instruments Inc.
3
Product Name Structure
• The product types and output voltage for the S-1111/1121 Series can be selected at the user’s request.
Refer to the “Product name” for the meanings of the characters in the product name and “Product name
list” for the full product names.
1. Product name (S-1111 Series)
S-1111
x
xx
MC
xxx
TF
G
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
MC: SOT-23-5
Output voltage
15 to 55
(e.g., when the output voltage is 1.5 V,
it is expressed as 15.)
Product type
*3
A: ON/OFF pin negative logic
B: ON/OFF pin positive logic
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the “Product name list”.
*3. Refer to 3. Shutdown (ON/OFF pin) in the “Operation”.


同様の部品番号 - S-1111B51MC-NZKTFG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1111AW ETC2-S-1111AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

同様の説明 - S-1111B51MC-NZKTFG

メーカー部品番号データシート部品情報
logo
Seiko Instruments Inc
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com