データシートサーチシステム |
|
S-1122B21MC-L8GTFG データシート(PDF) 8 Page - Seiko Instruments Inc |
|
S-1122B21MC-L8GTFG データシート(HTML) 8 Page - Seiko Instruments Inc |
8 / 30 page HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR S-1112/1122 Series Rev.5.1_00 Seiko Instruments Inc. 8 Absolute Maximum Ratings Table 6 (Ta = 25°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit VIN VSS − 0.3 to VSS + 7 V Input voltage VON/OFF VSS − 0.3 to VIN + 0.3 V Output voltage VOUT VSS − 0.3 to VIN + 0.3 V SNT-6A(H) 500 *1 mW 300 (When not mounted on board) mW Power dissipation SOT-23-5 PD 600 *1 mW Operating ambient temperature Topr −40 to +85 °C Storage temperature Tstg −40 to +125 °C *1. When mounted on board [Mounted board] (1) Board size : 114.3 mm × 76.2 mm × t1.6 mm (2) Board name : JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. 0 50 100 150 700 500 0 Ambient temperature (Ta) [ °C] 200 SOT-23-5 600 400 300 100 SNT-6A(H) Figure 4 Power Dissipation of The Package (When Mounted on Board) |
同様の部品番号 - S-1122B21MC-L8GTFG |
|
同様の説明 - S-1122B21MC-L8GTFG |