データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD1344ALFIVP-4 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TD1344ALFIVP-4
部品情報  Tuner module for digital terrestrial (OFDM) applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TD1344ALFIVP-4 データシート(HTML) 8 Page - NXP Semiconductors

Back Button TD1344ALFIVP-4 Datasheet HTML 4Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 5Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 6Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 7Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 8Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 9Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 10Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 11Page - NXP Semiconductors TD1344ALFIVP-4 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
NXP Semiconductors
TD1600ALF-4
Tuner module for digital terrestrial (OFDM) applications
TD1600ALF-4
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev.c — 23-04-2007
8 of 27
Cross-modulation:
Definition: The cross-modulation is defined as the transfer of the adjacent channels'
modulation depth to the wanted carrier.
Measurement:
Unwanted carriers (funw)
= wanted carrier (fw) ± 8MHz
Level of all carriers
= 70dBµV
Modulation
= AM, 50%, 15kHz
IF-output loaded with 1k
Ω // 15pF // 1.2uH (load compensation)
IF-output level limited to 104dBµV
Spec. limit: max. cross-modulation is less or equal 1% (typ. 0.3%)
Flatness (tilt) of overall responds curve (to be measured at broad-band IF-output):
Definition: tilt of curve is defined in the specified IF-range from highest to lowest gain
point at nom. gain
Measured at broadband IF-output:
in the range IF-center
± 3MHz
: 3dB max.
in the range IF-center
± 4MHz
: 4dB max.
Deterioration of flatness during AGC (0dB to 30dB): 1.0dB max.
+6
+2
0
-2
-4
-6
+4
-4
-3.0
+3.0
+4
36.00
MHz
dB
.
.
.
.
Fig 3.
Flatness (tilt) of overall responds curve


同様の部品番号 - TD1344ALFIVP-4

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TD1340 ETC1-TD1340 Datasheet
43Kb / 1P
   Crystal Clock Oscillators
More results

同様の説明 - TD1344ALFIVP-4

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MN88441 PANASONIC-MN88441 Datasheet
59Kb / 5P
   OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
   Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
STMicroelectronics
TDA7546 STMICROELECTRONICS-TDA7546 Datasheet
950Kb / 68P
   Multichip module for TMC tuner applications
logo
NXP Semiconductors
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com