データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100ES6254FA データシート(PDF) 2 Page - Integrated Device Technology

部品番号 MC100ES6254FA
部品情報  2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES6254FA データシート(HTML) 2 Page - Integrated Device Technology

  MC100ES6254FA Datasheet HTML 1Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 2Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 3Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 4Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 5Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 6Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 7Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 8Page - Integrated Device Technology MC100ES6254FA Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC100ES6254/D
2
TIMING SOLUTIONS
QA0
QA0
QA1
QA2
QA2
QA1
OEB
QB0
QB0
QB1
QB2
QB2
QB1
CLK0
CLK0
SEL1
SEL0
VCC
Bank A
Bank B
CLK1
CLK1
VCC
OEA
0
1
0
1
Figure 1. MC100ES6254 Logic Diagram
Sync
QA2
VCC
QA1
QA0
QB2
VCC
QB1
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
45
6
78
24
23
22
21
20
19
18
17
16
MC100ES6254
VCC
QB0
QB0
QB1
QB2
QA0
QA1
QA2
Figure 2. 32-Lead Package Pinout (Top View)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MC100ES6254
2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
NETCOM
IDT™ 2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC100ES6254
2


同様の部品番号 - MC100ES6254FA

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
MC100ES6254AC RENESAS-MC100ES6254AC Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
MC100ES6254ACR2 RENESAS-MC100ES6254ACR2 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
More results

同様の説明 - MC100ES6254FA

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com