データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM-HRR6-XXX データシート(PDF) 5 Page - rfsolutions.ltd

部品番号 AM-HRR6-XXX
部品情報  AM SUPER REGENERATIVE RECEIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFSOLUTIONS [rfsolutions.ltd]
ホームページ  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRR6-XXX データシート(HTML) 5 Page - rfsolutions.ltd

  AM-HRR6-XXX Datasheet HTML 1Page - rfsolutions.ltd AM-HRR6-XXX Datasheet HTML 2Page - rfsolutions.ltd AM-HRR6-XXX Datasheet HTML 3Page - rfsolutions.ltd AM-HRR6-XXX Datasheet HTML 4Page - rfsolutions.ltd AM-HRR6-XXX Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS016-13
August 06
©2006 Reg No 277 4001, England
Page 5
AM SUPER REGENERATIVE RECEIVERS.
AM-HRRN-XXX
AM -HRFn
Products From 250-450MHz
1 2 3
10
15
7
AM -HRR13-868
868MHz Products
3 4
11
15
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
1K
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
L
M
15K
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
1K
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
L
M
15K
NOTE: For versions without PIN 10 all other connections are the same.
Application Circuits
For further information on this circuit please see datasheet DS600
Should you require further assistance, please call:
R. F. Solutions Ltd,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000.
Fax +44 (0)1273 480 661.
Web Site http://www.rfsolutions.co.uk
Email sales@rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.


同様の部品番号 - AM-HRR6-XXX

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
AM-HRR60-433 RFSOLUTIONS-AM-HRR60-433 Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
More results

同様の説明 - AM-HRR6-XXX

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
AM-RRS3-XXX RFSOLUTIONS-AM-RRS3-XXX Datasheet
48Kb / 3P
   AM SUPERHETRODYNE RECEIVERS
logo
List of Unclassifed Man...
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
logo
Holtek Semiconductor In...
BC2401 HOLTEK-BC2401 Datasheet
1Mb / 7P
   315/433MHz Super-Regenerative OOK Rx IC
logo
Siemens Semiconductor G...
SDA2120 SIEMENS-SDA2120 Datasheet
295Kb / 13P
   120 MHz PLL for AM/FM Receivers
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Siemens Semiconductor G...
SDA4331X SIEMENS-SDA4331X Datasheet
446Kb / 13P
   PLL with I2C Bus for AM/FM Receivers
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
logo
Holtek Semiconductor In...
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
rfsolutions.ltd
AM-HRR30-XXX RFSOLUTIONS-AM-HRR30-XXX Datasheet
70Kb / 2P
   MINIATURE AM SUPER-REGEN RECEIVER
logo
Holtek Semiconductor In...
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
   315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com