データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

70-FUSE-3AC データシート(PDF) 1 Page - Grayhill, Inc

部品番号 70-FUSE-3AC
部品情報  Jumper Bars for Grayhill G5 and Mini Series I/O Racks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GRAYHILL [Grayhill, Inc]
ホームページ  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70-FUSE-3AC データシート(HTML) 1 Page - Grayhill, Inc

  70-FUSE-3AC Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
System 50
CABLE ASSEMBLIES
TEST MODULES
Several standard cable assem-
blies to connect controllers to our
I/O module mounting racks may
be ordered. The 72-CHH cable
has a 50-pin header connector on
each end to mate with those on
mounting racks. The 72-CHE cable
has a 50-pin header connector on
one end and a 50-pin edge card
connector on the other.
Modules for use in system set up
and testing may be ordered. Mod-
ules 70M-ISW1and 70G-ISW1
simulates an input; 70M-OSW1
switch simulates an output.
Controller Boards, I/O Modules, Module
Racks, and Accessories are available
through Authorized Grayhill Industrial Dis-
tributors. For prices and discounts, contact
your local sales office, an authorized Industrial
Distributor, or Grayhill.
FUSE KITS
Part Number
Description
Cable Assemblies
72-CHH-1
Ribbon cable assembly, header to header, 1 foot long
72-CHH-2
Ribbon cable assembly, header to header, 2 feet long
72-CHH-4
Ribbon cable assembly, header to header, 4 feet long
72-CHH-6
Ribbon cable assembly, header to header, 6 feet long
72-CHE-2
Ribbon cable assembly, header to edge card, 2 feet long
72-CHE-4
Ribbon cable assembly, header to edge card, 4 feet long
72-CHE-6
Ribbon cable assembly, header to edge card, 6 feet long
Test Modules
70L-ISW
Input module test switch, OpenLine® package
70G-ISW1
Input module test switch, G5 package
70M-ISW1
Input module test switch, mini package
70M-OSW1
Output module test switch, 3 amp, mini package
Fuses
70-FUSE-3AC
Fuse, 3.15A, 5x20mm, used on all AC Digital Output Modules
70-FUSE-3DC
Fuse, 3.15A, 5x20mm, used on all Solid State OpenLine ®
DC Digital Output Modules
70-FUSE-H
Fuse holder for Output Modules, used on all Digital Output Modules
ORDERING INFORMATION
Fuse and fuse holder Replacement kits of 10
can be ordered directly from Grayhill.
SYSTEM 50 JUMPER BARS
Grayhill jumper bars are available for
applications that require common
terminals to be bussed together on
digital I/O mounting racks. Jumper
bars are available for both our Mini
and G5 racks. Grayhill jumper bars
are made from .032” thick tin-plated
brass. The jumper bars are insulated
with a molded sleeve for excellent
dielectric properties.
ORDERING INFORMATION: Jumper Bars for Grayhill G5 and Mini Series I/O Racks
Part Number
Description
Dimension “L” in. (mm)
Use on Grayhill I/O Rack
70G-JUMP8
8 position jumper for G5 I/O racks
3.60 (91,44)
70GRCK8-HL, 70GRCK16-HL, 70GRCM32-HL,
70GRCP32-HL, 70GRCK16I, 70GRCK16T
70G-JUMP12
12 position jumper for G5 I/O racks
5.60 (142,24)
70GRCQ24-HL
70M-JUMP6
6 position jumper for Mini I/O racks
2.08 (52,83)
70MRCQ24-HL
70M-JUMP8
8 position jumper for Mini I/O racks
2.88 (73,15)
70MRCK8-HL, 70MRCK16-HL, 70MRCK24-HL
G5
Mini
DIMENSIONS: Jumper Bars
ACCESSORIES
System 50
38
DIM. L ± .010 (0,25)
.500 (12,7) TYP.
.100 (2,54)
.240
(6,10)
.180
(4,57)
.032
(0,81)
.655 (16,64)
.087
(2,21)
DIM. L ± .010 (0,25)
.400 (10,16) TYP.
.080 (2,03)
.240
(6,10)
.180
(4,57)
.032
(0,81)
.555 (14,10)
.087
(2,21)


同様の部品番号 - 70-FUSE-3AC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
70-0058-C ETC1-70-0058-C Datasheet
155Kb / 6P
   RSC4X EK BOARD
70-0065-B ETC1-70-0065-B Datasheet
217Kb / 17P
   RSC-4x Demo/Evaluation Board: RSC-4000
70-0066-A ETC1-70-0066-A Datasheet
62Kb / 1P
   VR Stamp with Serial EEPROM
70-0069-B ETC1-70-0069-B Datasheet
84Kb / 4P
   RSC-4x VR Stamp Programmer
logo
Cooper Bussmann, Inc.
70-100 COOPER-70-100 Datasheet
207Kb / 3P
   FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
More results

同様の説明 - 70-FUSE-3AC

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
FLKM4-I PHOENIX-FLKM4-I Datasheet
52Kb / 3P
   Modules accept Opto 22 G4 or Grayhill G5 solid state relays
logo
NHP Electrical Engineer...
1756-JMPR NHP-1756-JMPR Datasheet
425Kb / 1P
   CONTROLLOGIX JUMPER BARS
8 June 2023,
logo
ABCircuits
KBDGRAY ABCIRCUITS-KBDGRAY Datasheet
130Kb / 6P
   Serial output encoder for Grayhill and other keyboards
December 2012
logo
Tripp Lite. All Rights ...
RELAYIOMINI TRIPPLITE-RELAYIOMINI Datasheet
507Kb / 2P
   3 Relay I-O Mini-module
logo
Hirose Electric
QRP4-12P-C HIROSE-QRP4-12P-C_09 Datasheet
305Kb / 5P
   Small Rectangular Multi-electrode Solderless Connectors for Racks and Panels
logo
Intel Corporation
82285 INTEL-82285 Datasheet
408Kb / 7P
   CLOCK GENERATOR AND READY INTERFACE FOR I/O COPROCESSORS
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
   I/O-Expander for Microcontroller
May, 2013 Ver.1.2
logo
M-System Co.,Ltd.
R7I4DECT-1-SVSF8N MSYSTEM-R7I4DECT-1-SVSF8N Datasheet
269Kb / 6P
   Remote I/O R7I4D Series EtherCAT I/O MODULE
R7K4FML-6-DCA32A MSYSTEM-R7K4FML-6-DCA32A Datasheet
276Kb / 8P
   Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4JML3-E-DAFC64A MSYSTEM-R7K4JML3-E-DAFC64A Datasheet
507Kb / 9P
   Remote I/O R7K4J Series MECHATROLINK I/O MODULE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com