データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

70-IDC5NP データシート(PDF) 2 Page - Grayhill, Inc

部品番号 70-IDC5NP
部品情報  AC/DC Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GRAYHILL [Grayhill, Inc]
ホームページ  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70-IDC5NP データシート(HTML) 2 Page - Grayhill, Inc

  70-IDC5NP Datasheet HTML 1Page - Grayhill, Inc 70-IDC5NP Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Type/Function
Grayhill Part Number
Miniature, Non-Polarized
70M-IDC5G
70M-IDC5NP
70M-IDCI5NP
Standard, Non-Polarized
70-IDC5G
70-IDC5NP
70-IDC15NP
70-IDC24NP
Specifications
Units
Maximum Input Voltage
Vac/Vdc
60
32
32
32
Input Voltage Range1
Vac/Vdc
35-60
15-32/10-32
15-32/10-32
15-32/10-32
Input Current @ Max. Input Voltage
mA
6
18
18
18
Maximum Turn-on Time
mSec
10
5
5
5
Maximum Turn-off Time
mSec
10
5
5
5
Nominal Input Resistance (Rx)
10K
1.8K
1.8K
1.8K
Maximum Pick Up Voltage (Output Low)
Vac/Vdc
35
15/10
15/10
15/10
Minimum Drop Out Voltage (Output High)
Vac/Vdc
9
3
3
3
Nominal Logic Voltage (Vcc)
Vdc
5
5
15
24
Logic Voltage Range
Vdc
3-6
3-6
8-18
15-30
Max. Logic Supply Current
@ Nominal Vcc
mA
10
10
10
10
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
AC/DC Input Modules
SPECIFICATIONS: By Part Number
Standard and Miniature Modules
Type/Function
Grayhill Part Number
G5, Non-Polarized, Status LED
70G-IDC5G
70G-IDC5NP
70G-IDC15NP
70G-IDC24NP
Specifications
Units
Maximum Input Voltage
Vac/Vdc
60
32
32
32
Input Voltage Range1
Vac/Vdc
35-60
15-32/10-32
15-32/10-32
15-32/10-32
Input Current @ Max. Input Voltage
mA
6
18
18
18
Maximum Turn-on Time
mSec
10
5
5
5
Maximum Turn-off Time
mSec
10
5
5
5
Nominal Input Resistance (Rx)
10K
1.8K
1.8K
1.8K
Maximum Pick Up Voltage (Output Low)
Vac/Vdc
35
15/10
15/10
15/10
Minimum Drop Out Voltage (Output High)
Vac/Vdc
9
3
3
3
Nominal Logic Voltage (Vcc)
Vdc
5
5
15
24
Logic Voltage Range: Std & Mini
Vdc
4.5-6
4.5-6
10-18
17-30
Max. Logic Supply Current
@ Nominal Vcc
mA
10
10
10
10
G5 Modules
Type/Function
Grayhill Part Number
Dual, Non-Polarized, Status LED
70L-IDCG
70L-IDCNP
Specifications
Units
Maximum Input Voltage
Vac/Vdc
60
32
Input Voltage Range1
Vac/Vdc
35-60
15-32/10-32
Input Current @ Max. Input Voltage
mA
6
17
Maximum Turn-on Time
mSec
10
5
Maximum Turn-off Time
mSec
10
5
Nominal Input Resistance (Rx)
10.6K
1.9K
Maximum Pick Up Voltage (Output Low)
Vac/Vdc
35
15/10
Minimum Drop Out Voltage (Output High)
Vac/Vdc
9
3
Nominal Logic Voltage (Vcc)
Vdc
5
5
Logic Voltage Range
Vdc
4.5-28
4.5-28
Max. Logic Supply Current
@ Nominal Vcc
mA
6/CH
6/CH
Module ID Resistance to Logic Ground
00
1 For input voltages in the range of 90 to 140 Vdc, use AC input modules 70-IAC5, 70M-IAC5, 70G-IAC5
or 70L-IAC. For input voltages in the range of 180 to 280 Vdc, use AC input modules 70-IAC5A,
70M-IAC5A, 70G-IAC5A or 70L-IACA.
OpenLine® Modules
I/O
17


同様の部品番号 - 70-IDC5NP

メーカー部品番号データシート部品情報
logo
Grayhill, Inc
70-IDC5 GRAYHILL-70-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IDC5 GRAYHILL-70-IDC5 Datasheet
72Kb / 2P
   Fast Switching Polarized Input Types
70-IDC5B GRAYHILL-70-IDC5B Datasheet
117Kb / 2P
   DC Input Modules
70-IDC5B GRAYHILL-70-IDC5B Datasheet
72Kb / 2P
   Fast Switching Polarized Input Types
70-IDC5K GRAYHILL-70-IDC5K Datasheet
117Kb / 2P
   DC Input Modules
More results

同様の説明 - 70-IDC5NP

メーカー部品番号データシート部品情報
logo
Grayhill, Inc
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
logo
Minmax Technology Co., ...
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
   7 Watts Universal Input Range AC/DC Power Modules
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com