データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XX1000-QT-0G0T データシート(PDF) 5 Page - Mimix Broadband

部品番号 XX1000-QT-0G0T
部品情報  7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MIMIX [Mimix Broadband]
ホームページ  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-QT-0G0T データシート(HTML) 5 Page - Mimix Broadband

  XX1000-QT-0G0T Datasheet HTML 1Page - Mimix Broadband XX1000-QT-0G0T Datasheet HTML 2Page - Mimix Broadband XX1000-QT-0G0T Datasheet HTML 3Page - Mimix Broadband XX1000-QT-0G0T Datasheet HTML 4Page - Mimix Broadband XX1000-QT-0G0T Datasheet HTML 5Page - Mimix Broadband XX1000-QT-0G0T Datasheet HTML 6Page - Mimix Broadband XX1000-QT-0G0T Datasheet HTML 7Page - Mimix Broadband XX1000-QT-0G0T Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Top View
XX1000-QT
wwwwwww
PxxxxG
Top View
Page 5 of 8
7.5-22.5/15.0-45.0 GHz Active Doubler
QFN, 3x3 mm
X1000-QT
Functional Schematic
Pin Designation
Pin Number
Function
Typ. Value
Units
3
RF IN
-10 to +10
dBm
5
VG1
-0.6
V
6
VSS
-5
V
7
VG2
0.0 or GND
1
V
10
RF OUT
+17
dBm
13
VD2
+5.0
V
15
VD1
+5.0
V
2, 4, 9, 11
GND
8, 12, 14, 16
N/C
1 VG2 can be used for current regulating VD2 or VG2 can be set to GND with
VD2 self-biasing at approximately 140mA.
Physical Dimensions
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2008 - Rev 10-Jan-08


同様の部品番号 - XX1000-QT-0G0T

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1000-QT-0G0T MIMIX-XX1000-QT-0G0T Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT-0G0T MIMIX-XX1000-QT-0G0T Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
More results

同様の説明 - XX1000-QT-0G0T

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com