データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90807 データシート(PDF) 5 Page - Melexis Microelectronic Systems

部品番号 MLX90807
部品情報  Relative Integrated Pressure Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90807 データシート(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90807 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 8Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MLX90807
Relative Integrated Pressure Sensor
3901090807
Page 5 of 8
Data Sheet
Rev 003
Feb 08
7 Unique Features
Diagnostic Limits
Diagnostic of broken sensor: The output will be forced to ground (or a very low level) when the sensor
membrane breaks.
Diagnostic of broken wires: The output will be forced to ground (or a very low level) when the supply wire
breaks, even when a pull-up is still connected to the output pin.
The output will be forced to the supply voltage (or a very high level) when the ground wire breaks, even when
a pull-down is still connected to the output pin.
Output Protection
The output is protected against short-circuits at either battery terminals. The output can handle voltages
between -0.5V and 16V (independent of supply voltage).
Memlock Function
The memory consists of ZAP cells. When all calibration parameters are programmed, the chip can be locked.
This to avoid unwanted that data be written into the memory cells.
Once the chip is locked in a normal application, we can not read the zap contents and it is not possible to
unlock afterwards, unless the MOW pin is used. This can be done by apply a supply between 2.5V and 3.5V
on the MOW pin, then we can read back the content of the memory cells and zap another cell if necessary.
Clamping Levels
The user can enable the clamping of the output to ensure that the output can not enter the fault band in
normal application.
8 Application Information
Very few off-chip components are needed (only 2 decoupling capacitors, not higher than 100 nF).
Only 3 pins are used (Vdd, Vss, Out), see pad layout drawing in paragraph 9.
Calibration and Programming is made through the OUT pin.
47nF
47nF


同様の部品番号 - MLX90807

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFAAA-000WB MELEXIS-MLX90807LUFAAA-000WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCAA-001WB MELEXIS-MLX90807LUFCAA-001WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCBA-002WB MELEXIS-MLX90807LUFCBA-002WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCCA-003WB MELEXIS-MLX90807LUFCCA-003WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
More results

同様の説明 - MLX90807

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
   Relative Integrated Pressure Sensor Datasheet
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
   Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
   Relative Pressure Sensor IC
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com