データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90807 データシート(PDF) 7 Page - Melexis Microelectronic Systems

部品番号 MLX90807
部品情報  Relative Integrated Pressure Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90807 データシート(HTML) 7 Page - Melexis Microelectronic Systems

  MLX90807 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 8Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MLX90807
Relative Integrated Pressure Sensor
3901090807
Page 7 of 8
Data Sheet
Rev 003
Feb 08
9.2 Zapping of the 90807
The permanent memory of the 90807 is built with zap cells.
The data output of an unprogrammed zap cell is 0. The data output is 1 when the cell is zapped.
It is not possible to reprogram a zap cell to 0. Only 1 bit can be zapped at a time.
You should use the normal mode (TC[5:0]=00h) and program 1 bit to '1' in the temporary memory.
Afterwards you need to increase the supply voltage (VCC_Z) to be able to zap the bit. The zapping starts
when OUT goes high (OUT_Z). There will flow a high current of approximately 200mA during the zapping.
The memlock-bit should be zapped as last bit, because it disables the programming.
The zap cells can also be read out by using mode 5 (TC[5:0]=05h).
One bit should be set to 1 in the temporary memory.
The supply current should be measured at the normal supply voltage.
A low current (ICC_R0) indicates that the zap cell is not programmed.
A high current (ICC_R1) indicates that the zap cell is programmed.


同様の部品番号 - MLX90807

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFAAA-000WB MELEXIS-MLX90807LUFAAA-000WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCAA-001WB MELEXIS-MLX90807LUFCAA-001WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCBA-002WB MELEXIS-MLX90807LUFCBA-002WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCCA-003WB MELEXIS-MLX90807LUFCCA-003WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
More results

同様の説明 - MLX90807

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
   Relative Integrated Pressure Sensor Datasheet
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
   Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
   Relative Pressure Sensor IC
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com