データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90614ESF-DBA データシート(PDF) 5 Page - Melexis Microelectronic Systems

部品番号 MLX90614ESF-DBA
部品情報  Single and Dual Zone Infra Red Thermometer in TO-39
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-DBA データシート(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90614ESF-DBA Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-DBA Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
6 Pin definitions and descriptions
Top view
4 - VSS
3 - VDD
2 - PWM/
SDA
1 - SCL/
Vz
Figure 2: Pin description
Pin Name
Function
VSS
Ground. The metal can is also connected to this pin.
SCL / Vz
Serial clock input for 2 wire communications protocol. 5.7V zener
is available at this pin for connection of external bipolar transistor
to MLX90614A to supply the device from external 8 -16V source.
PWM / SDA
Digital input / output. In normal mode the measured object
temperature is available at this pin Pulse Width Modulated.
In SMBus compatible mode automatically configured as open
drain NMOS.
VDD
External supply voltage.
Table 2: Pin description MLX90614
Note: for +12V (+8…+16V) powered operation refer to the Application information section. For EMC and
isothermal conditions reasons it is highly recommended not to use any electrical connection to the metal can
except by the Vss pin.
With the SCL/Vz and PWM/SDA pins operated in 2-wire interface mode, the input Schmidt trigger function is
automatically enabled.
3901090614
Page 5 of 40
Data Sheet
Rev 003
03/Oct/2007


同様の部品番号 - MLX90614ESF-DBA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MLX90614ESF-DBA ETC2-MLX90614ESF-DBA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-DBA-000-TU MELEXIS-MLX90614ESF-DBA-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

同様の説明 - MLX90614ESF-DBA

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com