データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5626BRMZ データシート(PDF) 9 Page - Analog Devices

部品番号 AD5626BRMZ
部品情報  5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5626BRMZ データシート(HTML) 9 Page - Analog Devices

Back Button AD5626BRMZ Datasheet HTML 5Page - Analog Devices AD5626BRMZ Datasheet HTML 6Page - Analog Devices AD5626BRMZ Datasheet HTML 7Page - Analog Devices AD5626BRMZ Datasheet HTML 8Page - Analog Devices AD5626BRMZ Datasheet HTML 9Page - Analog Devices AD5626BRMZ Datasheet HTML 10Page - Analog Devices AD5626BRMZ Datasheet HTML 11Page - Analog Devices AD5626BRMZ Datasheet HTML 12Page - Analog Devices AD5626BRMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5626
Rev. 0 | Page 9 of 20
10
0.01
10
100k
FREQUENCY (Hz)
100
1k
10k
0.1
1
VDD = 5V
NO LOAD
DATA = 0xFFF
60
0
–12
TOTAL UNADJUSTED ERROR (mV)
50
40
30
20
10
–8
–4
0
4
8
12
TUE = ΣINL + ZS + FS
SS = 300 UNITS
TA = 25°C
Figure 17. Total Unadjusted Error Histogram
Figure 20. Output Voltage Noise vs. Frequency
4.115
4.075
–50
125
TEMPERATURE (°C)
4.110
4.105
4.100
4.095
4.090
4.085
4.080
–25
0
25
50
75
100
VDD = 5V
NO LOAD
SS = 300 UNITS
AVG + 3σ
AVG
AVG – 3σ
5
–5
01
HOURS OF OPERATION AT 125°C
200
4
3
2
1
0
–1
–2
–3
–4
200
400
600
800
1000
135 UNITS TESTED
AVERAGE
READINGS NORMALIZED
TO ZERO HOUR TIME POINT
Figure 18. Full-Scale Output Voltage vs. Temperature
Figure 21. Long-Term Drift Accelerated by Burn-In
0.50
0.35
0.40
0.45
0.30
0.25
0.20
0.15
0.10
0.05
0
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
1.6
0
–40
TEMPERATURE (°C)
–20
0
20406080
1.4
1.2
1.0
0.8
0.6
0.4
0.2
VDD = 4.75V
VDD = 5V
VDD = 5.25V
Figure 19. Zero-Scale Voltage vs. Temperature
Figure 22. Supply Current vs. Temperature


同様の部品番号 - AD5626BRMZ

メーカー部品番号データシート部品情報
logo
Motorola, Inc
AD562 MOTOROLA-AD562 Datasheet
157Kb / 5P
   LASER TRIMMED HIGH-SPEED 12-BIT CONVERTER
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

同様の説明 - AD5626BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com