データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5626BCPZ-REEL7 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5626BCPZ-REEL7
部品情報  5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5626BCPZ-REEL7 データシート(HTML) 1 Page - Analog Devices

  AD5626BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5626BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
5 V, 12-Bit nanoDAC, Serial Interface
in MSOP and LFCSP Packages
AD5626
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
8-lead MSOP and 8-lead LFCSP packages
Complete voltage output with internal reference
1 mV/bit with 4.095 V full scale
5 V single-supply operation
No external components required
3-wire serial interface, 20 MHz data loading rate
Low power: 2.5 mW
APPLICATIONS
Portable instrumentation
Digitally controlled calibration
Servo controls
Process control equipment
PC peripherals
GENERAL DESCRIPTION
The AD5626, a member of the nanoDAC® family, is a complete
serial input, 12-bit, voltage output digital-to-analog converter
(DAC) designed to operate from a single 5 V supply. It contains
the DAC, input shift register and latches, reference, and a rail-
to-rail output amplifier. The AD5626 monolithic DAC offers
the user low cost and ease of use in 5 V only systems.
Coding for the AD5626 is natural binary with the MSB loaded
first. The output op amp can swing to either rail and is set to a
range of 0 V to 4.095 V for a one-millivolt-per-bit resolution. It
is capable of sinking and sourcing 5 mA. An on-chip reference
is laser trimmed to provide an accurate full-scale output voltage
of 4.095 V.
This part features a serial interface that is high speed, three-
wire, DSP compatible with data in (SDIN), clock (SCLK), and
load strobe (LDAC). There is also a chip-select pin for
connecting multiple DACs.
The CLR input sets the output to zero scale at power on or upon
user demand.
The AD5626 is specified over the extended industrial tempera-
ture range (–40°C to +85°C). The AD5626 is available in MSOP
and LFCSP surface-mount packages.
FUNCTIONAL BLOCK DIAGRAM
REF
DAC REGISTER
AD5626
INPUT
REGISTER
12-BIT DAC
OUTPUT
BUFFER
LDAC
VOUT
CLR
CS
SCLK SDIN
GND
VDD
Figure 1.


同様の部品番号 - AD5626BCPZ-REEL7

メーカー部品番号データシート部品情報
logo
Motorola, Inc
AD562 MOTOROLA-AD562 Datasheet
157Kb / 5P
   LASER TRIMMED HIGH-SPEED 12-BIT CONVERTER
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

同様の説明 - AD5626BCPZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com