データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7995YRJZ-0RL データシート(PDF) 7 Page - Analog Devices

部品番号 AD7995YRJZ-0RL
部品情報  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7995YRJZ-0RL データシート(HTML) 7 Page - Analog Devices

Back Button AD7995YRJZ-0RL Datasheet HTML 3Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 4Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 5Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 6Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 7Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 8Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 9Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 10Page - Analog Devices AD7995YRJZ-0RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7991/AD7995/AD7999
Rev. 0 | Page 7 of 28
AD79991
Temperature range for Y version is −40°C to +125°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V, VREF = 2.5 V, fSCL = 3.4 MHz, and
TA = TMIN to TMAX.
Table 4.
Y Version
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE2, 3
See the Sample Delay and Bit Trial
Delay section, fIN = 10 kHz sine wave for
fSCL from 1.7 MHz to 3.4 MHz
fIN = 1 kHz sine wave for fSCL up
to 400 kHz
Signal-to-Noise and Distortion (SINAD)4
49.5
dB
Total Harmonic Distortion (THD)4
−65
dB
Peak Harmonic or Spurious Noise (SFDR)4
−65
dB
Intermodulation Distortion (IMD)4
fa = 11 kHz, fb = 9 kHz for fSCL from
1.7 MHz to 3.4 MHz
fa = 5.4 kHz, fb = 4.6 kHz for fSCL up
to 400 kHz
Second-Order Terms
−83
dB
Third-Order Terms
−75
dB
Channel-to-Channel Isolation4
−90
dB
fIN = 10 kHz
Full-Power Bandwidth4
14
MHz
@ 3 dB
1.5
MHz
@ 0.1 dB
DC ACCURACY2, 5
Resolution
8
Bits
Integral Nonlinearity4
±0.1
LSB
Differential Nonlinearity4
±0.1
LSB
Guaranteed no missed codes to
eight bits
Offset Error4
±0.35
LSB
Offset Error Matching
±0.05
LSB
Offset Temperature Drift
4.26
ppm/°C
Gain Error4
±0.175
LSB
Gain Error Matching
±0.06
LSB
Gain Temperature Drift
0.59
ppm/°C
ANALOG INPUT
Input Voltage Range
0
VREF
V
VREF = VIN3/VREF or VDD
DC Leakage Current
±1
μA
Input Capacitance
34
pF
Channel 0 to Channel 2—during
acquisition phase
4
pF
Channel 0 to Channel 2—outside
acquisition phase
35
pF
Channel 3—during acquisition phase
5
pF
Channel 3—outside acquisition phase
REFERENCE INPUT
VREF Input Voltage Range
1.2
VDD
V
DC Leakage Current
±1
μA
VREF Input Capacitance
5
pF
Outside conversion phase
35
pF
During conversion phase
Input Impedance
69


同様の部品番号 - AD7995YRJZ-0RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7995YRJZ-0RL AD-AD7995YRJZ-0RL Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
More results

同様の説明 - AD7995YRJZ-0RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
   4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7991 AD-AD7991 Datasheet
264Kb / 25P
   4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Rev. PrB
AD7992 AD-AD7992 Datasheet
266Kb / 21P
   2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
REV. PrH 09/03
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
   2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
   Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com