データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL15100 データシート(PDF) 6 Page - SpectraLinear Inc

部品番号 SL15100
部品情報  Prigrammable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPECTRALINEAR [SpectraLinear Inc]
ホームページ  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15100 データシート(HTML) 6 Page - SpectraLinear Inc

Back Button SL15100 Datasheet HTML 2Page - SpectraLinear Inc SL15100 Datasheet HTML 3Page - SpectraLinear Inc SL15100 Datasheet HTML 4Page - SpectraLinear Inc SL15100 Datasheet HTML 5Page - SpectraLinear Inc SL15100 Datasheet HTML 6Page - SpectraLinear Inc SL15100 Datasheet HTML 7Page - SpectraLinear Inc SL15100 Datasheet HTML 8Page - SpectraLinear Inc SL15100 Datasheet HTML 9Page - SpectraLinear Inc SL15100 Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev 1.8, August 10, 2007
Page 6 of 16
SL15100
Cycle-to-Cycle Jitter
(SSCLK – Pin 6)
CCJ8
CLKIN=SSCLK=66MHz, 2%Spread
REFCLK=On
-
100
130
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 6)
CCJ9
CLKIN=SSCLK=33MHz, 2%Spread
REFCLK=On
-
135
180
ps
Power-down Time
tPD
Time from PD# falling edge to Hi-Z at
outputs (Asynchronous)
-
150
350
ns
Power-up Time
(Crystal or Resonator)
tPU1
Time from PD# rising edge to valid
frequency at outputs (Asynchronous)
-
3.5
5.0
ms
Power-up Time
(Clock)
tPU2
Time from PD# rising edge to valid
frequency at outputs (Asynchronous)
-
2.0
3.0
ms
Output Enable Time
tOE
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
350
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
350
ns
Spread Percent Range
SPR
SSCLK-1/2 Outputs
0.25
-
5.0
%
Spread Percent Variation
SS%
Variation of programmed Spread %
-15
-
15
%
Modulation Frequency
FMOD
Programmable, 31.5 kHz standard
30
31.5
120
kHz
DC Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +85 Deg C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.25
2.5
2.75
V
Input Low Voltage
VIL
CMOS Level, Pins 4 and 8
0
-
0.3VDD
V
Input High Voltage
VIH
CMOS Level, Pins 4 and 8
0.7VDD
-VDD
V
Output High Voltage
VOH1
IOH=6mA , Pins 6 and 7
VDD-0.5
-
-
V
Output Low Voltage
VOL1
IOL=6mA, Pins 6 and 7
-
-
0.5
V
Input High Current
IIH
VIN=VDD, Pins 4 and 8
If no pull-up/down resister used
--
10
A
Input Low Current
IIL
VIN=GND, Pins 4 and 8
If no pull-up/down resister used
--
10
A
Pull-up/Down Resistors
RPU/D
VIN=VDD or GND
90
160
230
k
Operating Supply
Current
IDD
FIN=30MHz, REFCLK=30MHz
SSCLK=66MHz, PD#/OE=VDD
SSON#=GND, CL=0
-
6.8
8.1
mA
Standby Current
ISBC
PD#=GND
-
70
90
A
Output Leakage Current
IOL
Pins 6 and 7
-10
-
10
A
Minimum programming value
-
8.5
-
pF
Maximum programming value
-
40
-
pF
Programmable
Input Capacitance at
Pins 2 and 3
CXIN
CXOUT
Resolution (programming steps)
-
0.5
-
pF


同様の部品番号 - SL15100

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
SL15100 CHENDA-SL15100 Datasheet
2Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL15100 LEIDITECH-SL15100 Datasheet
2Mb / 3P
   15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1510005-A AMETHERM-SL1510005-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1510005-B AMETHERM-SL1510005-B Datasheet
29Kb / 1P
   Circuit Protection Thermistors
More results

同様の説明 - SL15100

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com