データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP292 データシート(PDF) 5 Page - Analog Devices

部品番号 OP292
部品情報  Dual/Quad Single-Supply Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP292 データシート(HTML) 5 Page - Analog Devices

  OP292_02 Datasheet HTML 1Page - Analog Devices OP292_02 Datasheet HTML 2Page - Analog Devices OP292_02 Datasheet HTML 3Page - Analog Devices OP292_02 Datasheet HTML 4Page - Analog Devices OP292_02 Datasheet HTML 5Page - Analog Devices OP292_02 Datasheet HTML 6Page - Analog Devices OP292_02 Datasheet HTML 7Page - Analog Devices OP292_02 Datasheet HTML 8Page - Analog Devices OP292_02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. B
–5–
Typical Performance Characteristics–OP292/OP492
INPUT OFFSET VOLTAGE, V OS mV
160
0
40
20
80
60
100
120
140
0.6
0.4
0.5
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
VS = 5V
VCM = 0V
TA = 25 C
600 OP AMPS
TPC 4. OP492 Input Offset Voltage Distribution @ 5 V
INPUT OFFSET VOLTAGE, V OS
mV
240
0
2.0
120
40
0.2
80
0
200
160
1.8
1.4
1.2
1.0
1.6
0.8
0.6
0.4
VS = 15V
VCM = 0V
TA = 25 C
600 OP AMPS
TPC 5. OP492 Input Offset Voltage Distribution @
±15 V
160
0
5.0
40
20
0.5
0
80
60
100
120
140
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
VS = 5V
VCM = 0V
40 C
TA
125 C
600 OP AMPS
TCVOS – µV/ C
TPC 6. OP492 Temperature Drift (TCVOS) Distribution @ 5 V
200
0
50
25
100
75
125
150
175
500
400
500
400
300
200
100
0
100
200
300
INPUT OFFSET VOLTAGE,V OS
µV
VS = 5V
VCM = 0V
TA = 25 C
720 OP AMPS
TPC 1. OP292 Input Offset Voltage Distribution @ 5 V
320
0
80
40
160
120
200
240
280
2.0
0.2
01.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
INPUT OFFSET VOLTAGE,V OS
mV
VS = 15V
VCM = 0V
TA= 25 C
720 OP AMPS
TPC 2. OP292 Input Offset Voltage Distribution @
±15 V
160
0
40
20
80
60
100
120
140
4.0
0.4
03.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
TCVOS – µV/ C
VS = 5V
VCM = 0V
40 C
TA
125 C
600 OP AMPS
TPC 3. OP292 Temperature Drift (TCVOS) Distribution @ 5 V


同様の部品番号 - OP292_02

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP292A OPTEK-OP292A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP292A OPTEK-OP292A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP292A TTELEC-OP292A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP292AA TTELEC-OP292AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP292AB TTELEC-OP292AB Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

同様の説明 - OP292_02

メーカー部品番号データシート部品情報
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com