データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP290 データシート(PDF) 3 Page - Analog Devices

部品番号 OP290
部品情報  Precision, Low Power, Micropower Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP290 データシート(HTML) 3 Page - Analog Devices

  OP290_03 Datasheet HTML 1Page - Analog Devices OP290_03 Datasheet HTML 2Page - Analog Devices OP290_03 Datasheet HTML 3Page - Analog Devices OP290_03 Datasheet HTML 4Page - Analog Devices OP290_03 Datasheet HTML 5Page - Analog Devices OP290_03 Datasheet HTML 6Page - Analog Devices OP290_03 Datasheet HTML 7Page - Analog Devices OP290_03 Datasheet HTML 8Page - Analog Devices OP290_03 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
–3–
OP290
ELECTRICAL CHARACTERISTICS (@ V
S =
1.5 V to
15 V, –40 C
≤ TA ≤ +85 C for OP290G, unless otherwise noted.)
OP290G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
200
750
µV
AVERAGE INPUT OFFSET
TCVOS
VS =
±15 V
1.2
µV/°C
VOLTAGE DRIFT
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.1
7
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.2
25
nA
LARGE-SIGNAL
AVO
VS =
±5 V, VO = ±0 V
VOLTAGE GAIN
RL = 100 k
300
600
V/mV
RL = 10 k
150
250
V/mV
RL = 2 k
75
125
V/mV
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
80
160
V/mV
RL = 10 k
40
90
V/mV
INPUT VOLTAGE RANGE*
IVR
V+ = 5 V, V– = 0 V
0/3.5
V
VS = +15 V
*
–15/+13.5
V
OUTPUT VOLTAGE SWING
VO
VS =
±15 V
RL = 10 k
Ω±13
±14
V
RL = 2 k
Ω±10
±11
V
VOH
V+ = 5 V, V– = 0 V
RL = 2 k
3.9
4.1
V
VOL
V+ = 5 V, V– = 0 V
RL = 10 k
10
100
µV
COMMON-MODE
CMR
V+ = 5 V, V– = 0 V,
80
100
dB
REJECTION
0 V < VCM < 3.5 V
VS =
±15 V
–15 V < VCM < 13.5 V
90
110
dB
POWER SUPPLY
PSRR
5.6
15
µV/V
REJECTION RATIO
SUPPLY CURRENT
ISY
VS =
±1.5 V
24
50
µA
(All Amplifiers)
VS =
±15 V
31
60
µA
*
Guaranteed by CMR test.
Specifications subject to change without notice.


同様の部品番号 - OP290_03

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP290A OPTEK-OP290A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP290A TTELEC-OP290A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AA TTELEC-OP290AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AB TTELEC-OP290AB Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

同様の説明 - OP290_03

メーカー部品番号データシート部品情報
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. A
OP290 AD-OP290_15 Datasheet
284Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
OP-290 AD-OP-290 Datasheet
360Kb / 10P
   PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
   Precision Low Voltage Micropower Operational Amplifier
2006
logo
Analog Devices
OP-90 AD-OP-90 Datasheet
426Kb / 12P
   PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP90 AD-OP90 Datasheet
653Kb / 12P
   Precision Low-Voltage Micropower Operational Amplifier
REV. A
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
   Precision Low-Voltage Micropower Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com