データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP179GRT データシート(PDF) 6 Page - Analog Devices

部品番号 OP179GRT
部品情報  Rail-to-Rail High Output Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP179GRT データシート(HTML) 6 Page - Analog Devices

Back Button OP179GRT Datasheet HTML 2Page - Analog Devices OP179GRT Datasheet HTML 3Page - Analog Devices OP179GRT Datasheet HTML 4Page - Analog Devices OP179GRT Datasheet HTML 5Page - Analog Devices OP179GRT Datasheet HTML 6Page - Analog Devices OP179GRT Datasheet HTML 7Page - Analog Devices OP179GRT Datasheet HTML 8Page - Analog Devices OP179GRT Datasheet HTML 9Page - Analog Devices OP179GRT Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP179/OP279
–6–
REV. G
THEORY OF OPERATION
The OP179/OP279 is the latest entry in Analog Devices’ expand-
ing family of single-supply devices, designed for the multimedia
and telecom marketplaces. It is a high output current drive,
rail-to-rail input /output operational amplifier, powered from a
single 5 V supply. It is also intended for other low supply voltage
applications where low distortion and high output current drive
are needed. To combine the attributes of high output current
and low distortion in rail-to-rail input/output operation, novel
circuit design techniques are used.
For example, TPC 1 illustrates a simplified equivalent circuit for
the OP179/OP279’s input stage. It is comprised of two PNP
differential pairs, Q5-Q6 and Q7-Q8, operating in parallel, with
diode protection networks. Diode networks D5-D6 and D7-D8
serve to clamp the applied differential input voltage to the
OP179/OP279, thereby protecting the input transistors against
avalanche damage. The fundamental differences between these
two PNP gain stages are that the Q7-Q8 pair are normally OFF
and that their inputs are buffered from the operational amplifier
inputs by Q1-D1-D2 and Q9-D3-D4. Operation is best under-
stood as a function of the applied common-mode voltage: When
the inputs of the OP179/OP279 are biased midway between the
supplies, the differential signal path gain is controlled by the
resistively loaded (via R7, R8) Q5-Q6. As the input common-mode
level is reduced toward the negative supply (VNEG or GND), the
input transistor current sources, I1 and I3, are forced into satura-
tion, thereby forcing the Q1-D1-D2 and Q9-D3-D4 networks
into cutoff; however, Q5-Q6 remain active, providing input stage
gain. On the other hand, when the common-mode input voltage
is increased toward the positive supply, Q5-Q6 are driven into
cutoff, Q3 is driven into saturation, and Q4 becomes active,
providing bias to the Q7-Q8 differential pair. The point at which
the Q7-Q8 differential pair becomes active is approximately equal
to (VPOS – 1 V).
I2
R5
4k
D7
I1
R6
4k
D8
D5
D6
R3
2.5k
R4
2.5k
Q4
Q3
Q2
Q5
Q6
Q9
Q1
R1
6k
R2
3k
VPOS
VNEG
R7
2.2k
R8
2.2k
I3
D1
D2
D3
D4
VO
+
IN–
IN+
Q8
Q7
Figure 1. OP179/OP279 Equivalent Input Circuit
The key issue here is the behavior of the input bias currents
in this stage. The input bias currents of the OP179/OP279 over
the range of common-mode voltages from (VNEG + 1 V) to
(VPOS – 1 V) are the arithmetic sum of the base currents in Q1-Q5
and Q9-Q6. Outside of this range, the input bias currents are
dominated by the base current sum of Q5-Q6 for input signals
close to VNEG, and of Q1-Q5 (Q9-Q6) for input signals close to
VPOS. As a result of this design approach, the input bias currents
in the OP179/OP279 not only exhibit different amplitudes, but
also exhibit different polarities. This input bias current behavior
is best illustrated in TPC 3. It is, therefore, of paramount
importance that the effective source impedances connected to
the OP179/OP279’s inputs are balanced for optimum dc and
ac performance.
100
60
0
10
10k
1k
100
1
40
20
80
FREQUENCY – Hz
VS
5V
TA
25 C
TPC 19. Voltage Noise Density vs.
Frequency
120
60
0
1k
1M
100k
10k
100
40
20
80
100
FREQUENCY – Hz
TA
25 C
VS
2.5V
TPC 21. Common-Mode
Rejection vs. Frequency
COMMON-MODE VOLTAGE – Volts
60
0
5
30
10
1
20
0
50
40
4
3
2
VS
5V
TA
25 C
FREQUENCY
1kHz
TPC 20. Voltage Noise Density vs.
Common-Mode Voltage


同様の部品番号 - OP179GRT

メーカー部品番号データシート部品情報
logo
Analog Devices
OP179GRT AD-OP179GRT Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP179GRT AD-OP179GRT Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179GRT AD-OP179GRT Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
More results

同様の説明 - OP179GRT

メーカー部品番号データシート部品情報
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279 AD-OP279_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179 AD-OP179_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com